Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6728A Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6728A
Description  High frequency single phase PWM controller with Power Good
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6728A Datasheet HTML 8Page - STMicroelectronics L6728A Datasheet HTML 9Page - STMicroelectronics L6728A Datasheet HTML 10Page - STMicroelectronics L6728A Datasheet HTML 11Page - STMicroelectronics L6728A Datasheet HTML 12Page - STMicroelectronics L6728A Datasheet HTML 13Page - STMicroelectronics L6728A Datasheet HTML 14Page - STMicroelectronics L6728A Datasheet HTML 15Page - STMicroelectronics L6728A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
L6728A
Over-current protection
12/32
7
Over-current protection
The over-current function protects the converter from a shorted output or overload, by
sensing the output current information across the low side MOSFET drain-source on-
resistance, RDS(on). This method reduces cost and enhances converter efficiency by
avoiding the use of expensive and space-consuming sense resistors.
The low side RDS(on) current sense is implemented by comparing the voltage at the PHASE
node when LS MOSFET is turned on with the programmed OCP thresholds voltages,
internally held. If the monitored voltage is bigger than these thresholds, an over-current
event is detected.
For maximum safety and load protection, L6728A implements a dual level over-current
protection system:
●
1st level threshold: it is the user externally set threshold. If the monitored voltage on
PHASE exceeds this threshold, a 1st level over-current is detected. If four 1st level OC
events are detected in four consecutive switching cycles, over-current protection will be
triggered.
●
2nd level threshold: it is an internal threshold whose value is equal to 1st level
threshold multiplied by a factor 1.5. If the monitored voltage on PHASE exceeds this
threshold, over-current protection will be triggered immediately.
When over-current protection is triggered, the device turns off both LS and HS MOSFETs in
a latched condition.
To recover from over-current protection triggered condition, VCC power supply must be
cycled.
7.1
Over-current threshold setting
L6728A allows to easily program a 1st level over-current threshold ranging from 50 mV to
550 mV, simply by adding a resistor (ROCSET) between LGATE and GND. 2
nd level threshold
will be automatically set accordingly.
During a short period of time (about 5 ms) following VCC rising over UVLO threshold, an
internal 10 µA current (IOCSET) is sourced from LGATE pin, determining a voltage drop
across ROCSET. This voltage drop will be sampled and internally held by the device as 1
st
level over-current threshold. The OC setting procedure overall time length is about 5 ms.
Connecting a ROCSET resistor between LGATE and GND, the programmed 1
st level
threshold will be:
the programmed 2nd level threshold will be:
In case ROCSET is not connected, the device sets the OCP thresholds to the maximum
values: an internal safety clamp on LGATE is triggered as soon as LGATE voltage reaches
600 mV, setting the maximum threshold and suddenly ending OC setting phase.
I
OCth1
I
OCSET
R
OCSET
⋅
R
dsON
--------------------------------------------
=
I
OCth2
1.5
I
OCSET
R
OCSET
⋅
R
dsON
--------------------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com