Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6728A Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6728A
Description  High frequency single phase PWM controller with Power Good
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6728A Datasheet HTML 16Page - STMicroelectronics L6728A Datasheet HTML 17Page - STMicroelectronics L6728A Datasheet HTML 18Page - STMicroelectronics L6728A Datasheet HTML 19Page - STMicroelectronics L6728A Datasheet HTML 20Page - STMicroelectronics L6728A Datasheet HTML 21Page - STMicroelectronics L6728A Datasheet HTML 22Page - STMicroelectronics L6728A Datasheet HTML 23Page - STMicroelectronics L6728A Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
L6728A
20 A demonstration board
20/32
11
20 A demonstration board
L6728A 20 A demonstration board realizes, in a two-layer PCB, a step-down DC/DC
converter and shows the operation of the device in a general-purpose high-current
application. Different output voltage rails have been considered: 8 V, 5 V, 3.3 V, 2.5 V, 1.25 V
and 0.8 V. The input voltage can range from a bottom value that depends on the chosen rail
up to 15 V buses (absolute maximum). The application can deliver an output current up to
the value fixed by ROCSET (~27 A).
Figure 9.
20 A demonstration board (left) and components placement (right)
Figure 10.
20 A demonstration board’s top (left) and bottom (right) layers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com