Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6728A Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6728A
Description  High frequency single phase PWM controller with Power Good
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728A Datasheet(HTML) 3 Page - STMicroelectronics

  L6728A Datasheet HTML 1Page - STMicroelectronics L6728A Datasheet HTML 2Page - STMicroelectronics L6728A Datasheet HTML 3Page - STMicroelectronics L6728A Datasheet HTML 4Page - STMicroelectronics L6728A Datasheet HTML 5Page - STMicroelectronics L6728A Datasheet HTML 6Page - STMicroelectronics L6728A Datasheet HTML 7Page - STMicroelectronics L6728A Datasheet HTML 8Page - STMicroelectronics L6728A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
L6728A
Contents
3/32
11
20 A demonstration board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
11.1
Demonstration board description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
11.1.1
Power input (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
11.1.2
Output (VOUT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
11.1.3
Signal input (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
11.1.4
Test points . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
11.2
Demonstration board characterization . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
12
5A demonstration board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
12.1
Demonstration board description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
12.1.1
Power input (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
12.1.2
Output (VOUT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
12.1.3
Signal input (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
12.1.4
Test points . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
12.2
Demonstration board characterization . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
13
Mechanical data and package dimensions . . . . . . . . . . . . . . . . . . . . . . 30
14
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com