Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6728A Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6728A
Description  High frequency single phase PWM controller with Power Good
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728A Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6728A Datasheet HTML 19Page - STMicroelectronics L6728A Datasheet HTML 20Page - STMicroelectronics L6728A Datasheet HTML 21Page - STMicroelectronics L6728A Datasheet HTML 22Page - STMicroelectronics L6728A Datasheet HTML 23Page - STMicroelectronics L6728A Datasheet HTML 24Page - STMicroelectronics L6728A Datasheet HTML 25Page - STMicroelectronics L6728A Datasheet HTML 26Page - STMicroelectronics L6728A Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
L6728A
20 A demonstration board
23/32
11.1
Demonstration board description
11.1.1
Power input (VIN)
This is the input voltage for the power conversion. The high-side drain is connected to this
input. This voltage can range from 1.5 V to 12 V bus.
If the voltage is between 5 V and 12 V it can supply also the device (through the VCC pin)
and in this case the R16 (0
Ω) resistor must be present.
11.1.2
Output (VOUT)
Different output voltage rails have been tested. For each rail a few component need to be
changed: these components are used to program the desiderated output voltage and to
compensate the system. The over-current-protection limit is set to ~27 A but it can be
changed by replacing the resistors R18.
Note:
All the previous resistors are SMD 0603 package, 1/16W, 1% tolerance.
11.1.3
Signal input (VCC)
Using the input voltage VIN to supply the controller no power is required at this input.
However the controller can be supplied separately from the power stage through the VCC
input and, in this case, the R16 (0
Ω) resistor must be unsoldered.
11.1.4
Test points
Several test points are provided to have easy access at all important signal characterizing
the device:
COMP: the output of the error amplifier;
FB: the inverting input of the error amplifier;
PGOOD: signaling the regular functioning (active high);
VGDHS: the bootstrap diode anode;
PHASE: Phase node;
LGATE: Low-side gate pin of the device;
HGATE: High-side gate pin of the device.
Table 7.
Rail dependent components
Ref.
8 V rail
5 V rail
3.3 V rail
2.5 V rail
1.25 V rail
0.8 V rail
Q9
mounted
not mounted
R7
3.6 k
Ω
3.6 k
Ω
3.6 k
Ω
3.6 k
Ω
11 k
Ω
11 k
Ω
R6, R9
3.6 k
Ω
3.6 k
Ω
4.7 k
Ω
4.7 k
Ω
22 k
Ω
22 k
Ω
R8, R13
390
Ω
680
Ω
1.5 k
Ω
2.2 k
Ω
39 k
Ω
open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com