Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6728A Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6728A
Description  High frequency single phase PWM controller with Power Good
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728A Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6728A Datasheet HTML 20Page - STMicroelectronics L6728A Datasheet HTML 21Page - STMicroelectronics L6728A Datasheet HTML 22Page - STMicroelectronics L6728A Datasheet HTML 23Page - STMicroelectronics L6728A Datasheet HTML 24Page - STMicroelectronics L6728A Datasheet HTML 25Page - STMicroelectronics L6728A Datasheet HTML 26Page - STMicroelectronics L6728A Datasheet HTML 27Page - STMicroelectronics L6728A Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
L6728A
20 A demonstration board
24/32
11.2
Demonstration board characterization
Figure 12 and Figure 17 show the electrical performances of the tamboured in terms of
accuracy and efficiency.
Figure 12.
20 A demonstration board performances
Load / Line Regulation
-0,3%
-0,2%
-0,1%
0,0%
0,1%
0,2%
0,3%
4
5
6
7
8
9
10
11
12
13
14
15
Input Voltage [V]
0A
5A
10A
15A
20A
Input Voltage @ 12 V
40%
50%
60%
70%
80%
90%
100%
0,0
2,5
5,0
7,5
10,0
12,5
15,0
17,5
20,0
22,5
25,0
Output Current [A]
Vout = 0.8 V
Vout = 1.25 V
Vout = 2.5 V
Vout = 3.3 V
Vout = 5 V
Vout = 8 V
Input Voltage @ 8 V
40%
50%
60%
70%
80%
90%
100%
0,0
2,5
5,0
7,5
10,0
12,5
15,0
17,5
20,0
22,5
25,0
Output Current [A]
Vout = 0.8 V
Vout = 1.25 V
Vout = 2.5 V
Vout = 3.3 V
Vout = 5 V
Input Voltage @ 5 V
40%
50%
60%
70%
80%
90%
100%
0
3
5
8
10
13
15
18
20
23
25
Output Current [A]
Vout = 0.8 V
Vout = 1.25 V
Vout = 2.5 V
Vout = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com