Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6728A Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6728A
Description  High frequency single phase PWM controller with Power Good
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728A Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6728A Datasheet HTML 23Page - STMicroelectronics L6728A Datasheet HTML 24Page - STMicroelectronics L6728A Datasheet HTML 25Page - STMicroelectronics L6728A Datasheet HTML 26Page - STMicroelectronics L6728A Datasheet HTML 27Page - STMicroelectronics L6728A Datasheet HTML 28Page - STMicroelectronics L6728A Datasheet HTML 29Page - STMicroelectronics L6728A Datasheet HTML 30Page - STMicroelectronics L6728A Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
L6728A
5A demonstration board
27/32
Table 8.
5 A demonstration board - bill of material
Qty
Reference
Description
Package
Capacitors
2C12, C51
MLCC, 10
μF, 16 V, X5R
Murata GRM31CR61C106K
SMD1206
1C10
MLCC, 100 nF, 50 V, X7R
Murata GRM188R71H104K
SMD0603
2C14, C38
MLCC, 1
μF, 16 V, X7R
Murata GRM21BR71C105K
SMD0805
2C39, C40
MLCC, 22
μF, 6.3 V, X5R
Murata GRM31CR60J226K
SMD1206
2C36
MLCC, 10 nF, 50 V, X7R
Murata GRM188R71H103K
SMD0603
1C24
MLCC, 47 nF, 50 V, X7R
Murata GRM188R71H223K
1C35
MLCC, 1 nF, 50 V, X7R
Murata GRM188R71H102K
Resistors
3
R1, R2, R17
Resistor, 3R3, 1/16 W, 1%
SMD0603
3
R3, R5, R16
Resistor, 0R, 1/8 W, 1%
1
R14
Resistor, 51R, 1/8 W, 1%
2
R6, R9
Resistor, 2K2, 1/16 W, 1%
2
R8, R13
Resistor, 3K9, 1/16 W, 1%
1
R7
Resistor, 270 R, 1/16 W, 1%
1
R19
Resistor, 22 K, 1/16 W, 1%
1
R18
Resistor, 18 K, 1/16 W, 1%
Inductor
1L1
Wurth SMD power inductor
1.8
μH - 3.68 mΩ - 20 A
P/N 744-318-180
na
Active Components
1
D1
Diode, BAT54
SOT23
1Q5
Dual N-channel MOS,
STS8DNF3LL (the STS8DNH3LL
model can be used as well)
SO8
1
U1
Controller, L6728A
VFQFPN 10
3x3 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com