Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # LED7707TR
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LED7707TR Datasheet HTML 11Page - STMicroelectronics LED7707TR Datasheet HTML 12Page - STMicroelectronics LED7707TR Datasheet HTML 13Page - STMicroelectronics LED7707TR Datasheet HTML 14Page - STMicroelectronics LED7707TR Datasheet HTML 15Page - STMicroelectronics LED7707TR Datasheet HTML 16Page - STMicroelectronics LED7707TR Datasheet HTML 17Page - STMicroelectronics LED7707TR Datasheet HTML 18Page - STMicroelectronics LED7707TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
LED7707
Operation description
15/48
During the soft-start phase the floating rows detection is also performed. In presence of one
or more floating rows, the voltage across the involved current generator drops to zero. This
voltage becomes the inverting input of the error amplifier through the minimum voltage drop
selector (see Figure 5). As a consequence the error amplifier is unbalanced and the loop
reacts by increasing the output voltage. When it reaches the floating row detection (FRD)
threshold (which coincides with the OVP threshold, see Section 5.1.4), the floating rows are
managed according to Table 7 (see Section 5.3 on page 22). After the SS voltage reaches a
2.4 V threshold, the start-up finishes and all the protections turn active. The soft-start
capacitor CSS can be calculated according to equation 2.
Equation 2
Where ISS = 5 µA and tSS is the desired soft-start duration.
5.1.4
Over-voltage protection
An adjustable over-voltage protection is available. It can be set feeding the OVSEL pin with a
partition of the output voltage. The voltage of the central tap of the divider is thus compared
to a fixed 1.145 V threshold. When the voltage of the OVSEL pin exceeds the OV threshold,
the switching activity is suspended. It is resumed as OVSEL returns below the OV threshold.
A 10 mV hysteresis is provided. No device turn-off is performed. Normally, the value of the
high-side resistors of the divider is in the order of 100 k
Ω to reduce the output capacitor
discharge when the boost converter is off (during the off phase of the dimming cycle),
whereas the low-side resistor can be calculated as:
Equation 3
An additional filtering capacitor CF (typically in the 100 pF-330 pF range) may be required to
improve noise rejection at the OVSEL pin (see Figure 9).
Figure 9.
OVP threshold setting
4
.
2
t
I
C
SS
SS
SS
⋅
≅
V
145
.
1
V
4
V
V
145
.
1
R
R
MAX
,
OUT
1
2
−
+
⋅
=
LX
OVSEL
SGND
LED7707
VOUT
VIN
R1
R2
C10
COUT
C13
AM00586v1
AM00586v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com