Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707TR Datasheet(PDF) 24 Page - STMicroelectronics

Part # LED7707TR
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707TR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LED7707TR Datasheet HTML 20Page - STMicroelectronics LED7707TR Datasheet HTML 21Page - STMicroelectronics LED7707TR Datasheet HTML 22Page - STMicroelectronics LED7707TR Datasheet HTML 23Page - STMicroelectronics LED7707TR Datasheet HTML 24Page - STMicroelectronics LED7707TR Datasheet HTML 25Page - STMicroelectronics LED7707TR Datasheet HTML 26Page - STMicroelectronics LED7707TR Datasheet HTML 27Page - STMicroelectronics LED7707TR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Operation description
LED7707
24/48
At the point marked as “1” in Figure 16, the row opens (row current drops to zero). From this
point on the output voltage is increased as long as the output voltage reaches the floating
row detection threshold (see Section 5.1.3 on page 14). Then (point marked as “2”) the
faulty row is disconnected and the device keeps on working only with the remaining rows.
Figure 16.
Open channel detection (MODE to AVCC)
5.3.4
Shorted LED fault
When a LED is shorted, the voltage across the related current generator increases of an
amount equal to the missing voltage drop of the faulty LED. Since the feedback voltage on
each active generator is constantly compared with a fault threshold VTH,FAULT, the device
detects the faulty condition and acts according to the MODE pin status.
A 100 µs masking time is introduced to support ESD capacitors eventually connected
across the LEDs strings.
If the MODE pin is low, the fault threshold is VTH,FAULT = 4.0 V. When the voltage across a
row is higher than this threshold for more than 100
μs, the FAULT pin is set low and the
device is turned off. The internal logic latches this status until the EN pin is toggled or a POR
is performed.
In case the MODE pin is connected to AVCC, the LED short-circuit protection is disabled.
The LED7707 simply keeps on regulating the set current without affecting the FAULT pin.
Despite the higher power dissipation, this option is useful to avoid undesired triggering of
the shorted-LED protection simply due to the high voltage drop spread across the LEDs.
Figure 17
shows an example of shorted LED detection in case MODE is connected to GND.
At the point marked as “1” in Figure 17 one LED fails becoming a short-circuit. The voltage
across the current generator of the channel where the failed LED is connected increases by
an amount equal to the forward voltage of the faulty LED. Since the voltage across the
current generator is above the threshold (4 V), the device is turned off and the fault pin is set
 
1
2
11
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com