Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707TR Datasheet(PDF) 30 Page - STMicroelectronics

Part # LED7707TR
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707TR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LED7707TR Datasheet HTML 26Page - STMicroelectronics LED7707TR Datasheet HTML 27Page - STMicroelectronics LED7707TR Datasheet HTML 28Page - STMicroelectronics LED7707TR Datasheet HTML 29Page - STMicroelectronics LED7707TR Datasheet HTML 30Page - STMicroelectronics LED7707TR Datasheet HTML 31Page - STMicroelectronics LED7707TR Datasheet HTML 32Page - STMicroelectronics LED7707TR Datasheet HTML 33Page - STMicroelectronics LED7707TR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Application information
LED7707
30/48
Equation 22
where nROWs is the number of active rows, ΔVf,LEDs is the spread of the LEDs forward
voltage and nLEDs is the number of LEDs per row.
d)
LDO losses, due to the dissipation of the 5 V linear regulator:
Equation 23
The LED7707 is housed in a 24 leads 4x4-VFQFPN package with exposed pad that allows
good thermal performance. However it is also important to design properly the
demonstration board layout in order to assure correct heat dissipation.
Figure 20
shows a picture of the LED7707 application demonstration board taken using an
infrared camera. The chip temperature, in those application conditions, is kept below 50 °C.
Figure 20.
Demonstration board thermographic analysis
(
)
(
)
DIM
LEDs
LEDs
,
f
IFB
ROWs
ROW
GEN
D
n
V
V
1
n
I
P
⋅
⋅
Δ
+
⋅
−
⋅
=
(
)
LDO
LDO
IN
LDO
,
D
I
V
V
P
⋅
−
=
 
64°C
50°C
VIN = 12V
IROW = 60mA
VOUT = 30V
FSW = 660kHz
DDIM = 100%
Tamb = 25°C
64°C
50°C
VIN = 12V
IROW = 60mA
VOUT = 30V
FSW = 660kHz
DDIM = 100%
Tamb = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com