Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707TR Datasheet(PDF) 42 Page - STMicroelectronics

Part # LED7707TR
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707TR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LED7707TR Datasheet HTML 38Page - STMicroelectronics LED7707TR Datasheet HTML 39Page - STMicroelectronics LED7707TR Datasheet HTML 40Page - STMicroelectronics LED7707TR Datasheet HTML 41Page - STMicroelectronics LED7707TR Datasheet HTML 42Page - STMicroelectronics LED7707TR Datasheet HTML 43Page - STMicroelectronics LED7707TR Datasheet HTML 44Page - STMicroelectronics LED7707TR Datasheet HTML 45Page - STMicroelectronics LED7707TR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Application information
LED7707
42/48
Component
Description
Package
Part number
MFR
Value
R8
680k
R9, R10
100k
R11
1k2
R12
N.M.
R13
N.M.
L1
6u8, 60 m
Ω, 5.8 A
7x7 mm
XPL7030-682ML
Coilcraft
6.8 u
D1
Schottky, 40 V, 1 A
DO216-AA
STPS1L40M
ST
STPS1L40M
D2
Red LED, 3mA
SMD 0603
Standard
D3
Signal Schottky
SOD-523
BAS69
N.M.
U1
Integrated circuit
QFN4x4
LED7707
ST
LED7707
J2
PCB pad jumper
J8
Header 8
SIL 8
Standard
SW1, SW2
Jumper 3
SIL 3
Standard
SW3
Push button
6x6 mm
FSM4JSMAT
TYCO
Table 10.
LED7707 demonstration board component list (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com