Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707TR Datasheet(PDF) 20 Page - STMicroelectronics

Part # LED7707TR
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707TR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LED7707TR Datasheet HTML 16Page - STMicroelectronics LED7707TR Datasheet HTML 17Page - STMicroelectronics LED7707TR Datasheet HTML 18Page - STMicroelectronics LED7707TR Datasheet HTML 19Page - STMicroelectronics LED7707TR Datasheet HTML 20Page - STMicroelectronics LED7707TR Datasheet HTML 21Page - STMicroelectronics LED7707TR Datasheet HTML 22Page - STMicroelectronics LED7707TR Datasheet HTML 23Page - STMicroelectronics LED7707TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Operation description
LED7707
20/48
5.2
Backlight driver section
5.2.1
Current generators
The LED7707 is a LEDs driver with six channels (rows); each row is able to drive multiple
LEDs in series (max. 36 V) and to sink up to 85 mA maximum current, allowing to manage
different kinds of LEDs.
The LEDs current can be set by connecting an external resistor (RRILIM) between the RILIM
pin and ground. The voltage across the RILIM pin is internally set to 1.23 V and the rows
current is proportional to the RILIM current according to the following equation:
Equation 9
Where KR = 1850 V.
The graph in Figure 13 better shows the relationship between IROW and RRILIM and helps to
choose the correct value of the resistor to set the desired row current.
Figure 13.
Row current vs RRILIM
The maximum current mismatch between the rows is ± 2 % @ Irowx = 60 mA.
The LED7707 allows parallelism different rows if required by the application. If the maximum
current provided by a single row (85 mA) is not enough for the load, two or more current
generators can be connected together, as shown in Figure 14. To keep the parallelism
generators stable, the row current should be higher than 40 mA.The connection between
channels in parallel must be done as close as possible to the device in order to minimize
parasitic inductance.
RILIM
R
ROWx
R
K
I
=
AM00590v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com