Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7707TR Datasheet(PDF) 36 Page - STMicroelectronics

Part # LED7707TR
Description  6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7707TR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LED7707TR Datasheet HTML 32Page - STMicroelectronics LED7707TR Datasheet HTML 33Page - STMicroelectronics LED7707TR Datasheet HTML 34Page - STMicroelectronics LED7707TR Datasheet HTML 35Page - STMicroelectronics LED7707TR Datasheet HTML 36Page - STMicroelectronics LED7707TR Datasheet HTML 37Page - STMicroelectronics LED7707TR Datasheet HTML 38Page - STMicroelectronics LED7707TR Datasheet HTML 39Page - STMicroelectronics LED7707TR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
Application information
LED7707
36/48
6.4.6
Over-voltage protection divider setting
The over-voltage protection (OVP) divider provides a partition of the output voltage to the
OVSEL pin. The OVP divider setting not only fixes the OVP threshold, but also the open-
channel detection threshold.
The proper OVP divider setting can be calculated by the equation (3):
Equation 38
where VOUT, MAX is the maximum output voltage considering the worst case (all LEDs with
the maximum VF = VF,max = 3.7 V on the same row):
Equation 39
R1 can be chosen is in the order of hundreds of kilo-ohms to reduce the leakage current in
the resistor divider. For example, setting R1 = 510 kΩ leads to R2 = 21.89 kΩ. The closest
standard commercial value is R2 = 22 kΩ.
6.4.7
Compensation network
For the compensation network, the suggestions provided in Section 6.1 are always valid.
In this condition, tentatively the following value of R3 and C8 (see Figure 24) are usually a
good choice for the loop stability:
R3 = 2.4 k
Ω
C8 = 4.7 nF
6.4.8
Boost current limit
The boost current limit is set to protect the internal power switch against excessive current.
The slope compensation may reduce the programmed current limit. Hence, to take into
account this effect, as a rule of thumb, the current limit can be set as twice as much the
maximum inductor peak current (see Section 6.4.4):
IBOOST, PEAK > 3.83 A
Therefore, using equation (7) and choosing IBOOST, PEAK = 4 A, RBILIM will be:
Equation 40
V
145
.
1
V
4
V
V
145
.
1
R
R
MAX
,
OUT
1
2
−
+
⋅
=
V
6
.
26
mV
700
V
nLED
V
max
,
F
OVP
,
OUT
=
+
⋅
=
Ω
=
=
k
300
I
K
R
PEAK
,
BOOST
B
BILIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com