Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C04FBN6TP Datasheet(PDF) 8 Page - STMicroelectronics

Part # M24C04FBN6TP
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C04FBN6TP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M24C04FBN6TP Datasheet HTML 4Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 5Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 6Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 7Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 8Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 9Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 10Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 11Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Signal description
M24C16, M24C08, M24C04, M24C02, M24C01
8/34
2
Signal description
2.1
Serial Clock (SCL)
This input signal is used to strobe all data in and out of the device. In applications where this
signal is used by slave devices to synchronize the bus to a slower clock, the bus master
must have an open drain output, and a pull-up resistor can be connected from Serial Clock
(SCL) to VCC. (Figure 4 indicates how the value of the pull-up resistor can be calculated). In
most applications, though, this method of synchronization is not employed, and so the pull-
up resistor is not necessary, provided that the bus master has a push-pull (rather than open
drain) output.
2.2
Serial Data (SDA)
This bidirectional signal is used to transfer data in or out of the device. It is an open drain
output that may be wire-OR’ed with other open drain or open collector signals on the bus. A
pull up resistor must be connected from Serial Data (SDA) to VCC. (Figure 4 indicates how
the value of the pull-up resistor can be calculated).
2.3
Chip Enable (E0, E1, E2)
These input signals are used to set the value that is to be looked for on the three least
significant bits (b3, b2, b1) of the 7-bit device select code. These inputs must be tied to VCC
or VSS, to establish the device select code as shown in Figure 3. When not connected (left
floating), E0, E1, E2 are read as low (0,0,0).
Figure 3.
Device select code
2.3.1
Write Control (WC)
This input signal is useful for protecting the entire contents of the memory from inadvertent
write operations. Write operations are disabled to the entire memory array when Write
Control (WC) is driven High. When unconnected, the signal is internally read as VIL, and
Write operations are allowed.
When Write Control (WC) is driven High, device select and address bytes are
acknowledged, data bytes are not acknowledged.
Ai11650
VCC
M24Cxx
VSS
Ei
VCC
M24Cxx
VSS
Ei



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com