Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C04FBN6TP Datasheet(PDF) 30 Page - STMicroelectronics

Part # M24C04FBN6TP
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C04FBN6TP Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M24C04FBN6TP Datasheet HTML 26Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 27Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 28Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 29Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 30Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 31Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 32Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 33Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Part numbering
M24C16, M24C08, M24C04, M24C02, M24C01
30/34
8
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
The category of second-level interconnect is marked on the package and on the inner box
label, in compliance with JEDEC standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label.
Table 22.
Ordering information scheme
Example:
M24C16
–
W DW 3
T
P /S
Device type
M24 = I2C serial access EEPROM
Device Function
16 = 16 Kbit (2048 x 8)
08 = 8 Kbit (1024 x 8)
04 = 4 Kbit (512 x 8)
02 = 2 Kbit (256 x 8)
01 = 1 Kbit (128 x 8)
Operating voltage
W = VCC = 2.5 V to 5.5 V (400 kHz)
R = VCC = 1.8 V to 5.5 V (400 kHz)
F = VCC = 1.7 V to 5.5 V (400 kHz)
Package
BN = PDIP8
MN = SO8 (150 mil width)
MB = UFDFPN8 (MLP8)
DW = TSSOP8 (169 mil width)
DS = TSSOP8 (3 x 3 mm body size, MSOP8)(1)
1.
Products sold in this package are not recommended for new design.
Device grade
6 = Industrial: device tested with standard test flow over –40 to 85 °C
3 = Automotive: device tested with high reliability certified flow(2) over –40 to 125 °C
2.
ST strongly recommends the use of the Automotive Grade devices for use in an automotive environment.
The High Reliability Certified Flow (HRCF) is described in the quality note QNEE9801. Please ask your
nearest ST sales office for a copy.
5 = Consumer: device tested with standard test flow over –20 to 85 °C.
Option
T = Tape and reel packing
Plating technology
P or G = ECOPACK® (RoHS compliant)
Process(3)
3.
Used only for device grade 3.
/S = F6SP36%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com