Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C04FBN6TP Datasheet(PDF) 31 Page - STMicroelectronics

Part # M24C04FBN6TP
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C04FBN6TP Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M24C04FBN6TP Datasheet HTML 26Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 27Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 28Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 29Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 30Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 31Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 32Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 33Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
Part numbering
31/34
Table 23.
Available M24C16 products (package, voltage range, temperature grade)
Package
M24C16-W
VCC = 2.5 V to 5.5 V
M24C16-R
VCC = 1.8 V to 5.5 V
M24C16-F
VCC = 1.7 V to 5.5 V
DIP8 (BN)
Range 6
Range 6
-
SO8N (MN)
Range 6, Range 3
Range 6
-
UFDFPN8 (MB)
-
Range 6
-
TSSOP8 (DW)
Range 6, Range 3
Range 6
Range 5
Table 24.
Available M24C08 products (package, voltage range, temperature grade)
Package
M24C08-W
VCC = 2.5 V to 5.5 V
M24C08-R
VCC = 1.8 V to 5.5 V
M24C08-F
VCC = 1.7 V to 5.5 V
DIP8 (BN)
Range 6
-
-
SO8N (MN)
Range 6, Range 3
Range 6
-
UFDFPN8 (MB)
-
Range 6
Range 5
TSSOP8 (DW)
Range 6
Range 6
Range 5
TSSOP8 3 × 3 mm (DS)
-
Range 6
-
Table 25.
Available M24C04 products (package, voltage range, temperature grade)
Package
M24C04-W
VCC = 2.5 V to 5.5 V
M24C04-R
VCC = 1.8 V to 5.5 V
M24C04-F
VCC = 1.7 V to 5.5 V
DIP8 (BN)
Range 6
-
-
SO8N (MN)
Range 6, Range 3
Range 6
-
UFDFPN8 (MB)
-
Range 6
Range 5
TSSOP8 (DW)
Range 6, Range 3
Range 6
Range 5
Table 26.
Available M24C02 products (package, voltage range, temperature grade)
Package
M24C02-W
VCC = 2.5 V to 5.5 V
M24C02-R
VCC = 1.8 V to 5.5 V
DIP8 (BN)
Range 6
-
SO8N (MN)
Range 6, Range 3
Range 6
UFDFPN8 (MB)
-
Range 6
TSSOP8 (DW)
Range 6, Range 3
Range 6
Table 27.
Available M24C01 products (package, voltage range, temperature grade)
Package
M24C01-W
VCC = 2.5 V to 5.5 V
M24C01-R
VCC = 1.8 V to 5.5 V
DIP8 (BN)
Range 6
-
SO8N (MN)
Range 6
Range 6
UFDFPN8 (MB)
-
-
TSSOP8 (DW)
Range 6
Range 6
TSSOP8 3 × 3 mm (DS)
-
Range 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com