Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C04FBN6TP Datasheet(PDF) 15 Page - STMicroelectronics

Part # M24C04FBN6TP
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C04FBN6TP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M24C04FBN6TP Datasheet HTML 11Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 12Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 13Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 14Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 15Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 16Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 17Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 18Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
Device operation
15/34
Figure 8.
Write cycle polling flowchart using ACK
3.6.3
Minimizing system delays by polling on ACK
During the internal Write cycle, the device disconnects itself from the bus, and writes a copy
of the data from its internal latches to the memory cells. The maximum Write time (tw) is
shown in Table 15 and Table 16, but the typical time is shorter. To make use of this, a polling
sequence can be used by the bus master.
The sequence, as shown in Figure 8, is:
●
Initial condition: a Write cycle is in progress.
●
Step 1: the bus master issues a Start condition followed by a device select code (the
first byte of the new instruction).
●
Step 2: if the device is busy with the internal Write cycle, no Ack will be returned and
the bus master goes back to Step 1. If the device has terminated the internal Write
cycle, it responds with an Ack, indicating that the device is ready to receive the second
part of the instruction (the first byte of this instruction having been sent during Step 1).
WRITE Cycle
in Progress
AI01847C
Next
Operation is
Addressing the
Memory
START Condition
DEVICE SELECT
with RW = 0
ACK
Returned
YES
NO
YES
NO
ReSTART
STOP
DATA for the
WRITE Operation
DEVICE SELECT
with RW = 1
Send Address
and Receive ACK
First byte of instruction
with RW = 0 already
decoded by the device
YES
NO
START
Condition
Continue the
WRITE Operation
Continue the
Random READ Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com