Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C04FBN6TP Datasheet(PDF) 17 Page - STMicroelectronics

Part # M24C04FBN6TP
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C04FBN6TP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M24C04FBN6TP Datasheet HTML 13Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 14Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 15Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 16Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 17Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 18Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 19Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 20Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
Device operation
17/34
3.7.2
Current Address Read
For the Current Address Read operation, following a Start condition, the bus master only
sends a device select code with the Read/Write bit (RW) set to 1. The device acknowledges
this, and outputs the byte addressed by the internal address counter. The counter is then
incremented. The bus master terminates the transfer with a Stop condition, as shown in
Figure 9, without acknowledging the byte.
3.7.3
Sequential Read
This operation can be used after a Current Address Read or a Random Address Read. The
bus master does acknowledge the data byte output, and sends additional clock pulses so
that the device continues to output the next byte in sequence. To terminate the stream of
bytes, the bus master must not acknowledge the last byte, and must generate a Stop
condition, as shown in Figure 9.
The output data comes from consecutive addresses, with the internal address counter
automatically incremented after each byte output. After the last memory address, the
address counter ‘rolls-over’, and the device continues to output data from memory address
00h.
3.7.4
Acknowledge in Read mode
For all Read commands, the device waits, after each byte read, for an acknowledgment
during the 9th bit time. If the bus master does not drive Serial Data (SDA) Low during this
time, the device terminates the data transfer and switches to its Standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com