Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C04FBN6TP Datasheet(PDF) 32 Page - STMicroelectronics

Part # M24C04FBN6TP
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C04FBN6TP Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M24C04FBN6TP Datasheet HTML 26Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 27Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 28Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 29Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 30Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 31Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 32Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 33Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Revision history
M24C16, M24C08, M24C04, M24C02, M24C01
32/34
9
Revision history
Table 28.
Document revision history
Date
Version
Changes
10-Dec-1999
2.4
TSSOP8 Turned-Die package removed (p 2 and order information)
Lead temperature added for TSSOP8 in table 2
18-Apr-2000
2.5
Labelling change to Fig-2D, correction of values for ‘E’ and main caption for
Tab-13
05-May-2000
2.6
Extra labelling to Fig-2D
23-Nov-2000
3.0
SBGA package information removed to an annex document
-R range changed to being the -S range, and the new -R range added
19-Feb-2001
3.1
SBGA package information put back in this document
Lead Soldering Temperature in the Absolute Maximum Ratings table
amended
Write Cycle Polling Flow Chart using ACK illustration updated
References to PSDIP changed to PDIP and Package Mechanical data
updated
Wording brought in to line with standard glossary
20-Apr-2001
3.2
Revision of DC and AC characteristics for the -S series
08-Oct-2001
3.3
Ball numbers added to the SBGA connections and package mechanical
illustrations
09-Nov-2001
3.4
Specification of Test Condition for Leakage Currents in the DC
Characteristics table improved
30-Jul-2002
3.5
Document reformatted using new template. SBGA5 package removed
TSSOP8 (3x3mm² body size) package (MSOP8) added. -L voltage range
added
04-Feb-2003
3.6
Document title spelt out more fully. “W”-marked devices with tw=5ms
added.
05-May-2003
3.7
-R voltage range upgraded to 400kHz working, and no longer preliminary
data.
5V voltage range at temperature range 3 (-xx3) no longer preliminary data.
-S voltage range removed. -Wxx3 voltage+temp ranged added as
preliminary data.
07-Oct-2003
4.0
Table of contents, and Pb-free options added. Minor wording changes in
Summary Description, Power-On Reset, Memory Addressing, Read
Operations. VIL(min) improved to
-0.45V. tW(max) value for -R voltage range corrected.
17-Mar-2004
5.0
MLP package added. Absolute Maximum Ratings for VIO(min) and
VCC(min) changed. Soldering temperature information clarified for RoHS
compliant devices. Device grade information clarified. Process
identification letter “G” information added. 2.2-5.5V range is removed, and
4.5-5.5V range is now Not for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com