Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC34844EP Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # PC34844EP
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC34844EP Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button PC34844EP Datasheet HTML 21Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 22Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 23Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 24Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 25Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 26Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 27Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 28Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
34844
TYPICAL PERFORMANCE CURVES (TA=25°C)
LOGIC COMMANDS AND REGISTERS
Figure 9. Bias Current vs Input Voltage (Sleep Mode)
Figure 10. Boost Soft Start
2.98
3.00
3.02
3.04
3.06
3.08
3.10
3.12
15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
Vin, volts
I2C Mode
SM_Bus Mode
VOUT
COMP
INDUCTOR
CURRENT
Vin=24V
Load=16 LEDs, 50mA/channel
VLED = 47V, ±1V
VOUT
COMP
INDUCTOR
CURRENT
Vin=24V
Load=16 LEDs, 50mA/channel
VLED = 47V, ±1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com