Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC34844EP Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # PC34844EP
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC34844EP Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button PC34844EP Datasheet HTML 10Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 11Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 12Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 13Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 14Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 15Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 16Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 17Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
34844
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 4. Functional Internal Block Diagram
REGULATORS/ POWER DOWN
The 34844 is designed to operate from input voltages in
the 7.0 to 28V range. This is stepped down internally by
LDOs to 2.5V (VDC1 and VDC3) and 6V (VDC3) for powering
internal circuitry. If the input voltage falls below the UVLO
threshold, the device automatically enters in power down
mode.
Operating Modes:
The device can be operated by the EN pin and/or SDA/
SCK bus lines, resulting in three distinct operation modes:
• Manual mode, there is no I2C capability, the bus line pins
must be tied low, and the EN pin controls the ON/OFF
operation.
• SM-Bus mode, EN pin must be tied low and the device is
turned ON by any activity on the bus lines. The part shuts
down if the bus lines are held low for more than 27ms, the
27ms watchdog timer can be disabled by I2C (setting
SETI2C bit high) or tying the EN pin high. In Sleep mode
(EN bit=1) the device reduces the power consumption by
leaving “alive” only the blocks required for I2C
communication.
•I2C mode, has to be configured by I2C communication
(SETI2C bit = 1) right after the IC is turned ON, it prevents
the part from being turned ON/OFF by the bus. Sleep
mode is also present and it is intended to save power, but
still keep the IC prepared to communicate by I2C. Turning
the EN pin OFF, the chip enters into a low power mode.
MC34844 - Functional Block Diagram
Regulator / Power down
Protection / Failure Detection
LED Channels
LED Channels
Logic Control
Regulators / Power Down
3 Internal Regulators
Protection / Failure Detection
Logic Control
Serial Interface Control
Boost
Boost
Optical and Temperature Control
PWM Dimming
Over-temperature Protection
LED Open Protection
Over-current Protection
Under-voltage Protection
Over-voltage Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com