Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC34844EP Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # PC34844EP
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC34844EP Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button PC34844EP Datasheet HTML 24Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 25Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 26Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 27Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 28Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 29Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 30Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 31Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
34844
TYPICAL APPLICATIONS
LOGIC COMMANDS AND REGISTERS
TYPICAL APPLICATIONS
Figure 15. Manual Mode (Single Wire Control)
Figure 16. Manual Mode (Two Wire Control)
Figure 17. SM-Bus Mode
VIN = 24V
0
0
0
VOUT
0
0
0
0
VDC1
VDC1
VCC
0
VOUT
VDC1
Master CK
LED MATRIX (16S10P)
MANUAL MODE (Single Wire Control)
Output
OVP = 55V
5.6K
5.6K
+
47uF
+
47uF
2.2uF
2.2uF
3.3K
3.3K
20K
20K
309K
309K
5.1K
5.1K
+
13.8uF
+
13.8uF
150K
150K
1.8nF
1.8nF
U1
34844
U1
34844
VIN
1
VDC1
28
COMP
29
EN
7
CK
24
M/~S
30
PWM
25
SCK
27
SDA
26
A0/SEN
6
ISET
19
PIN
20
NIN
21
SWA
4
SWB
3
VOUT 32
PGNDA 5
PGNDB 2
VDC2
31
FAIL 18
I0 8
I1 9
I2 10
I3 11
I4 12
I5 13
I6 14
I7 15
I8 16
I9 17
VDC3
23
SLOPE
22
GND 33
56pF
56pF
CLK
CLK
D1
D1
2
1
2.2uF
2.2uF
22uH
22uH
1
2
2.2uF
2.2uF
VIN = 24V
0
0
0
0
VCC
VOUT
VOUT
0
VDC1
VDC1
0
0
0
Master CK Output
LED MATRIX (16S10P)
OVP = 55V
MANUAL MODE (Two Wire Control)
Unit
Control
EN
PWM
2.2uF
2.2uF
D5
D5
2
1
22uH
22uH
1
2
1.8nF
1.8nF
2.2uF
2.2uF
3.3K
3.3K
150K
150K
+
13.8uF
+
13.8uF
U2
34844
U2
34844
VIN
1
VDC1
28
COMP
29
EN
7
CK
24
M/~S
30
PWM
25
SCK
27
SDA
26
A0/SEN
6
ISET
19
PIN
20
NIN
21
SWA
4
SWB
3
VOUT 32
PGNDA 5
PGNDB 2
VDC2
31
FAIL 18
I0 8
I1 9
I2 10
I3 11
I4 12
I5 13
I6 14
I7 15
I8 16
I9 17
VDC3
23
SLOPE
22
GND 33
2.2uF
2.2uF
20K
20K
5.1K
5.1K
5.6K
5.6K
56pF
56pF
+
47uF
+
47uF
309K
309K
VIN = 24V
0
0
0
0
VCC
VOUT
0
VDC1
VDC1
0
0
VDC1
0
Master CK
LED MATRIX (16S10P)
Unit
Control
SCK
SDA
+
47uF
+
47uF
309K
309K
2.2uF
2.2uF
D8
D8
2
1
22uH
22uH
1
2
1.8nF
1.8nF
2.2uF
2.2uF
3.3K
3.3K
+
13.8uF
+
13.8uF
U3
34844
U3
34844
VIN
1
VDC1
28
COMP
29
EN
7
CK
24
M/~S
30
PWM
25
SCK
27
SDA
26
A0/SEN
6
ISET
19
PIN
20
NIN
21
SWA
4
SWB
3
VOUT 32
PGNDA 5
PGNDB 2
VDC2
31
FAIL 18
I0 8
I1 9
I2 10
I3 11
I4 12
I5 13
I6 14
I7 15
I8 16
I9 17
VDC3
23
SLOPE
22
GND 33
2.2uF
2.2uF
5.1K
5.1K
5.6K
5.6K
56pF
56pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com