Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC34844EP Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # PC34844EP
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC34844EP Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button PC34844EP Datasheet HTML 7Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 8Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 9Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 10Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 11Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 12Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 13Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 14Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
34844
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Interface Frequency Range
fSCK
400
kHz
SM-Bus Power-on-Reset Time
tRST
-
-
100
ms
Output fall time
10
ρF < CL < 400ρF
tF
40
-
160
ns
Output rise time
10
ρF<CL<400ρF
tR
20
-
80
ns
LOGIC OUTPUT (CK)
Output Rise and Fall time(9)
CL<100ρF
tR/tF
-
-
25
ns
LED CHANNELS
Channels Rise and Fall Time(9)
tR/tF
-
23
50
ns
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions VIN = 12V, VOUT = 42V, ILED = 50mA, PWM = VDC1, M/~S = VDC1,
PIN & NIN = VDC1, -40
°C ≤ TA ≤ 105°C, PGND = 0V, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Notes
8.
Special considerations should be made for frequencies between 100Hz to 1KHz. Please refer to Functional Device Operation for further
details.
9.
Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com