Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC34844EP Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # PC34844EP
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC34844EP Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button PC34844EP Datasheet HTML 25Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 26Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 27Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 28Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 29Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 30Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 31Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 32Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
34844
TYPICAL APPLICATIONS
LOGIC COMMANDS AND REGISTERS
TYPICAL APPLICATIONS
Figure 18. Master - Slave Connection
VIN = 24V
0
0
0
0
VCC
VOUT
0
VDC1
VDC1
0
0
VDC1
VIN = 24V
0
0
0
0
VCC
VOUT
0
VDC1
0
0
VDC1
Master CK
Master CK
LED MATRIX (16S10P)
Unit
Control
SCK
SDA
A0/SEN (Master)
MASTER - SLAVE Connection
MASTER Device
SLAVE Device
Input
LED MATRIX (16S10P)
A0/SEN (Slave)
56pF
56pF
2.2uF
2.2uF
U5
34844
U5
34844
VIN
1
VDC1
28
COMP
29
EN
7
CK
24
M/~S
30
PWM
25
SCK
27
SDA
26
A0/SEN
6
ISET
19
PIN
20
NIN
21
SWA
4
SWB
3
VOUT 32
PGNDA 5
PGNDB 2
VDC2
31
FAIL 18
I0 8
I1 9
I2 10
I3 11
I4 12
I5 13
I6 14
I7 15
I8 16
I9 17
VDC3
23
SLOPE
22
GND 33
3.3K
3.3K
5.1K
5.1K
309K
309K
U4
34844
U4
34844
VIN
1
VDC1
28
COMP
29
EN
7
CK
24
M/~S
30
PWM
25
SCK
27
SDA
26
A0/SEN
6
ISET
19
PIN
20
NIN
21
SWA
4
SWB
3
VOUT 32
PGNDA 5
PGNDB 2
VDC2
31
FAIL 18
I0 8
I1 9
I2 10
I3 11
I4 12
I5 13
I6 14
I7 15
I8 16
I9 17
VDC3
23
SLOPE
22
GND 33
2.2uF
2.2uF
+
47uF
+
47uF
22uH
22uH
1
2
5.6K
5.6K
22uH
22uH
1
2
2.2uF
2.2uF
D1
D1
2
1
56pF
56pF
+
13.8uF
+
13.8uF
3.3K
3.3K
309K
309K
5.1K
5.1K
+
47uF
+
47uF
2.2uF
2.2uF
1.8nF
1.8nF
2.2uF
2.2uF
D2
D2
2
1
+
13.8uF
+
13.8uF
1.8nF
1.8nF
2.2uF
2.2uF
5.6K
5.6K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com