Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC34844EP Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # PC34844EP
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC34844EP Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button PC34844EP Datasheet HTML 22Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 23Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 24Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 25Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 26Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 27Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 28Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 29Page - Freescale Semiconductor, Inc PC34844EP Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
34844
TYPICAL PERFORMANCE CURVES (TA=25°C)
LOGIC COMMANDS AND REGISTERS
Figure 11. Typical Operation Waveforms for FPWM=600Hz, 40% Duty
Figure 12. Typical Operation Waveforms for FPWM=600Hz, 100% Duty
ILED, CH1
INDUCTOR
CURRENT
VCH1
VOUT
(ac coupled)
ISET=40mA (all channels)
FPWM=600Hz, 40% duty
Precharge
ILED, CH1
INDUCTOR
CURRENT
SWA
SWB
ISET=50mA (all channels)
FPWM=600Hz, 100% duty
(ac coupled)
VOUT
ILED, CH1
INDUCTOR
CURRENT
SWA
SWB
ISET=50mA (all channels)
FPWM=600Hz, 100% duty
(ac coupled)
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com