Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8112 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MSC8112
Description  Dual Core Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8112 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MSC8112 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Electrical Characteristics
MSC8112 Dual Core Digital Signal Processor Data Sheet, Rev. 0
Freescale Semiconductor
21
2.5.5
System Bus Access Timing
2.5.5.1
Core Data Transfers
Generally, all MSC8112 bus and system output signals are driven from the rising edge of the reference clock (REFCLK). The
REFCLK is the CLKIN signal. Memory controller signals, however, trigger on four points within a REFCLK cycle. Each cycle
is divided by four internal ticks: T1, T2, T3, and T4. T1 always occurs at the rising edge of REFCLK (and T3 at the falling
edge), but the spacing of T2 and T4 depends on the PLL clock ratio selected, as Table 13 shows.
Figure 10 is a graphical representation of Table 13.
Figure 9. Timing Diagram for a Reset Configuration Write
Table 13. Tick Spacing for Memory Controller Signals
BCLK/SC140 clock
Tick Spacing (T1 Occurs at the Rising Edge of REFCLK)
T2
T3
T4
1:4, 1:6, 1:8, 1:10
1/4 REFCLK
1/2 REFCLK
3/4 REFCLK
1:3
1/6 REFCLK
1/2 REFCLK
4/6 REFCLK
1:5
2/10 REFCLK
1/2 REFCLK
7/10 REFCLK
Figure 10. Internal Tick Spacing for Memory Controller Signals
PORESET
Internal
HRESET
Input
Output (I/O)
SRESET
Output (I/O)
RSTCONF, CNFGS, DSISYNC, DSI64
CHIP_ID[0–3], BM[0–2], SWTE, MODCK[1–2]
Host programs
Word
SPLL is locked
(no external indication)
PORESET
Reset Configuration
pins are sampled
1
2
MODCK[3–5]
1 + 2
3
5
6
SPLL
locking period
Reset configuration write
sequence during this
period.
REFCLK
T1
T2
T3
T4
REFCLK
T1
T2
T3
T4
for 1:3
for 1:5
REFCLK
T1
T2
T3
T4
for 1:4, 1:6, 1:8, 1:10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com