Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8112 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MSC8112
Description  Dual Core Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8112 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MSC8112 Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Electrical Characteristics
MSC8112 Dual Core Digital Signal Processor Data Sheet, Rev. 0
Freescale Semiconductor
17
In all cases, the power-up sequence must follow the guidelines shown in Figure 8.
The following rules apply:
1.
During time interval A, VDDH should always be equal to or less than the VDD/VCCSYN voltage level.
The duration of interval A should be kept below 10 ms.
2.
The duration of timing interval B should be kept as small as possible and less than 10 ms.
Figure 7. Start-Up Sequence: VDD Raised Before VDDH with CLKIN Started with VDDH
Figure 8. Power-Up Sequence for VDDH and VDD/VCCSYN
Time
o.5 V
3.3 V
1.1 V
VDDH Nominal
PORESET/TRST asserted
VDD Nominal
CLKIN starts toggling
VDD applied
PORESET/TRST deasserted
1
VDDH applied
VDDH = Nominal
VDD = Nominal
3.3 V
1.2 V
A
B
VDD/VCCSYN
VDDH (IO)
t (time)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com