Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8112 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MSC8112
Description  Dual Core Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8112 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MSC8112 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
MSC8112 Dual Core Digital Signal Processor Data Sheet, Rev. 0
Electrical Characteristics
Freescale Semiconductor
30
2.5.7
TDM Timing
Table 21. TDM Timing
No.
Characteristic
Expression
1.1 V Core
Units
Min
Max
300
TDMxRCLK/TDMxTCLK
TC1
16
—
ns
301
TDMxRCLK/TDMxTCLK high pulse width
(0.5
± 0.1) × TC
7
—
ns
302
TDMxRCLK/TDMxTCLK low pulse width
(0.5
± 0.1) × TC
7
—
ns
303
TDM receive all input set-up time
1.3
—
ns
304
TDM receive all input hold time
1.0
—
ns
305
TDMxTCLK high to TDMxTDAT/TDMxRCLK output active2,3
2.8
—
ns
306
TDMxTCLK high to TDMxTDAT/TDMxRCLK output
—
10.0
ns
307
All output hold time4
2.5
—
ns
308
TDMxTCLK high to TDmXTDAT/TDMxRCLK output high
impedance2,3
—
10.7
ns
309
TDMxTCLK high to TDMXTSYN output valid2
—9.7
ns
310
TDMxTSYN output hold time4
2.5
—
ns
Notes:
1.
Devices operating at 300 MHz are limited to a maximum TDMxRCLK/TDMxTCLK frequency of 50 MHz.
2.
Values are based on 20 pF capacitive load.
3.
When configured as an output, TDMxRCLK acts as a second data link. See the MSC8112 Reference Manual for details.
4.
Values are based on 10 pF capacitive load.
Figure 18. TDM Inputs Signals
Figure 19. TDM Output Signals
TDMxRCLK
TDMxRDAT
TDMxRSYN
300
301
302
303
303
304
304
TDMxTCLK
TDMxTDAT
TDMxTSYN
305
306
308
307
300
301
302
310
309
TDMxRCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com