Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8112 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MSC8112
Description  Dual Core Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8112 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MSC8112 Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Freescale Semiconductor
Data Sheet
Document Number: MSC8112
Rev. 0, 5/2008
© Freescale Semiconductor, Inc., 2008. All rights reserved.
MSC8112
FC-PBGA–431
20 mm
× 20 mm
•Two StarCore® SC140 DSP extended cores, each with an SC140
DSP core, 224 Kbyte of internal SRAM M1 memory (448 Kbyte
total), 16 way 16 Kbyte instruction cache (ICache), four-entry
write buffer, external cache support, programmable interrupt
controller (PIC), local interrupt controller (LIC), and low-power
Wait and Stop processing modes.
• 475 Kbyte M2 memory for critical data and temporary data
buffering.
• 4 Kbyte boot ROM.
• M2-accessible multi-core MQBus connecting the M2 memory to
both cores, operating at the core frequency, with data bus access
of up to 128-bit reads and up to 64-bit writes, central efficient
round-robin arbiter for core access to the bus, and atomic
operation control of M2 memory access by the cores and the local
bus.
• Internal PLL configured are reset by configuration signal values.
• 60x-compatible system bus with 64 or 32 bit data and 32-bit
address bus, support for multi-master designs, four-beat burst
transfers (eight-beat in 32-bit data mode), port size of 64/32/16/8
bits controlled by the internal memory controller,.access to
external memory or peripherals, access by an external host to
internal resources, slave support with direct access to internal
resources including M1 and M2 memories, and on-device
arbitration for up to four master devices.
• Direct slave interface (DSI) using a 32/64-bit slave host interface
with 21–25 bit addressing and 32/64-bit data transfers, direct
access by an external host to internal and external resources,
synchronous or asynchronous accesses with burst capability in
synchronous mode, dual or single strobe mode, write and read
buffers to improve host bandwidth, byte enable signals for
1/2/4/8-byte write granularity, sliding window mode for access
using a reduced number of address pins, chip ID decoding to
allow one CS signal to control multiple DSPs, broadcast mode to
write to multiple DSPs, and big-endian/little-endian/munged
support.
• Three mode signal multiplexing: 64-bit DSI and 32-bit system
bus, 32-bit DSI and 64-bit system bus, or 32-bit DSI and 32-bit
system bus, and Ethernet port (MII/RMII).
• Flexible memory controller with three UPMs, a GPCM, a
page-mode SDRAM machine, glueless interface to a variety of
memories and devices, byte enables for 64- or 32-bit bus widths,
8 memory banks for external memories, and 2 memory banks for
IPBus peripherals and internal memories.
• Multi-channel DMA controller with 16 time-multiplexed single
channels, up to four external peripherals, DONE or DRACK
protocol for two external peripherals,.service for up to 16 internal
requests from up to 8 internal FIFOs per channel, FIFO generated
watermarks and hungry requests, priority-based
time-multiplexing between channels using 16 internal priority
levels or round-robin time-multiplexing between channels,
flexible channel configuration with connection to local bus or
system bus, and flyby transfer support that bypasses the FIFO.
• Up to four independent TDM modules with programmable word
size (2, 4, 8, or 16-bit), hardware-base A-law/
μ-law conversion,
up to 128 Mbps data rate for all channels, with glueless interface
to E1 or T1 framers, and can interface with H-MVIP/H.110
devices, TSI, and codecs such as AC-97.
• Ethernet controller with support for 10/100 Mbps MII/RMII/SMII
including full- and half-duplex operation, full-duplex flow
controls, out-of-sequence transmit queues, programmable
maximum frame length including jumbo frames and VLAN tags
and priority, retransmission after collision, CRC generation and
verification of inbound/outbound packets, address recognition
(including exact match, broadcast address, individual hash check,
group hash check, and promiscuous mode), pattern matching,
insertion with expansion or replacement for transmit frames,
VLAN tag insertion, RMON statistics, local bus master DMA for
descriptor fetching and buffer access, and optional multiplexing
with GPIO (MII/RMII/SMII) or DSI/system bus signals lines
(MII/RMII).
• UART with full-duplex operation up to 6.25 Mbps.
• Up to 32 general-purpose input/output (GPIO) ports.
•I2C interface that allows booting from EEPROM devices.
• Two timer modules, each with sixteen configurable 16-bit timers.
• Eight programmable hardware semaphores.
• Global interrupt controller (GIC) with interrupt consolidation and
routing to INT_OUT, NMI_OUT, and the cores; twenty-four
virtual maskable interrupts (8 per core) and two virtual NMI (one
per core) that can be generated by a simple write access.
• Optional booting external memory, external host, UART, TDM,
or I2C.
Dual Core Digital Signal
Processor


Similar Part No. - MSC8112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC81111 STMICROELECTRONICS-MSC81111 Datasheet
100Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
logo
Advanced Semiconductor
MSC81111 ASI-MSC81111 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
STMicroelectronics
MSC81118 STMICROELECTRONICS-MSC81118 Datasheet
102Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
logo
Freescale Semiconductor...
MSC8113 FREESCALE-MSC8113 Datasheet
826Kb / 44P
Tri-Core Digital Signal Processor
MSC8113-V1 FREESCALE-MSC8113-V1 Datasheet
1Mb / 44P
Tri-Core Digital Signal
More results

Similar Description - MSC8112

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC8144 FREESCALE-MSC8144 Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8144E FREESCALE-MSC8144E Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8144EC FREESCALE-MSC8144EC Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8113 FREESCALE-MSC8113 Datasheet
826Kb / 44P
Tri-Core Digital Signal Processor
MSC8152 FREESCALE-MSC8152 Datasheet
913Kb / 68P
Dual-Core Digital Signal Processor
MSC8252 FREESCALE-MSC8252 Datasheet
913Kb / 68P
orderDual-Core Digital Signal Processor
MSC8254 FREESCALE-MSC8254 Datasheet
913Kb / 68P
Quad-Core Digital Signal Processor
MSC8152 FREESCALE-MSC8152_11 Datasheet
891Kb / 68P
Dual-Core Digital Signal Processor
MSC8251 FREESCALE-MSC8251_11 Datasheet
885Kb / 68P
Single-Core Digital Signal Processor
MSC8252 FREESCALE-MSC8252_11 Datasheet
887Kb / 68P
Dual-Core Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com