Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8112 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MSC8112
Description  Dual Core Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8112 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MSC8112 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 44Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
Ordering Information
MSC8112 Dual Core Digital Signal Processor Data Sheet, Rev. 0
Freescale Semiconductor
41
4
Ordering Information
Consult a Freescale Semiconductor sales office or authorized distributor to determine product availability and place an order.
5
Package Information
Part
Package Type
Core
Voltage
Operating
Temperature
Core
Frequency
(MHz)
Order Number
Lead-Free
Lead-Bearing
MSC8112
Flip Chip Plastic Ball Grid Array (FC-PBGA)
1.1 V
–40° to 105°C
300
MSC8112TVT2400V
MSC8112TMP2400V
Figure 35. MSC8112 Mechanical Information, 431-pin FC-PBGA Package
Notes:
1. All dimensions in millimeters.
2. Dimensioning and tolerancing
per ASME Y14.5M–1994.
3. Features are symmetrical about
the package center lines unless
dimensioned otherwise.
4. Maximum solder ball diameter
measured parallel to Datum A.
5. Datum A, the seating plane, is
determined by the spherical
crowns of the solder balls.
6. Parallelism measurement shall
exclude any effect of mark on
top surface of package.
7. Capacitors may not be present
on all devices.
8. Caution must be taken not to
short capacitors or exposed
metal capacitor pads on
package top.
9. FC CBGA (Ceramic) package
code: 5238.
FC PBGA (Plastic) package
code: 5263.
10.Pin 1 indicator can be in the
form of number 1 marking or an
“L” shape marking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com