Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8112 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MSC8112
Description  Dual Core Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8112 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MSC8112 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8112 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
MSC8112 Dual Core Digital Signal Processor Data Sheet, Rev. 0
Freescale Semiconductor
32
2.5.10
Ethernet Timing
2.5.10.1
Management Interface Timing
2.5.10.2
MII Mode Timing
Table 24. Ethernet Controller Management Interface Timing
No.
Characteristics
Min
Max
Unit
801
ETHMDIO to ETHMDC rising edge set-up time
10
—
ns
802
ETHMDC rising edge to ETHMDIO hold time
10
—
ns
Figure 23. MDIO Timing Relationship to MDC
Table 25. MII Mode Signal Timing
No.
Characteristics
Min
Max
Unit
803
ETHRX_DV, ETHRXD[0–3], ETHRX_ER to ETHRX_CLK rising edge set-up time
3.5
—
ns
804
ETHRX_CLK rising edge to ETHRX_DV, ETHRXD[0–3], ETHRX_ER hold time
3.5
—
ns
805
ETHTX_CLK to ETHTX_EN, ETHTXD[0–3], ETHTX_ER output delay
1
14.6
ns
Figure 24. MII Mode Signal Timing
Valid
ETHMDC
ETHMDIO
802
801
Valid
ETHRX_CLK
ETHRX_DV
ETHRXD[0–3]
ETHTX_CLK
ETHRX_ER
ETHTX_EN
ETHTXD[0–3]
Valid
Valid
ETHTX_ER
803
804
805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com