Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3112 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM3112
Description  300mA CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3112 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM3112 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Pin Configuration & Marking Information
2
PAM3112
300mA CMOS Linear Regulator
AOVYW
1
2
3
Top View
SOT23-3
AO: Product Code
of PAM3112
X: Internal Code
V: Voltage Code
Y: Year
W: Week
10/2008 Rev 1.3
AOVYW
54
Top View
SOT23 5
-
12
3
Name
Function
VIN
Input
GND
Ground
EN
Chip Enable(active high)
BYP
Bypass Pin, need a 10nF capacitor connect to GND
VOUT
Output
Pin Description
,
Power Analog Microelectronics Inc
www.poweranalog.com
Top View
SC70-3L
1
2
3
AOVYW
Top View
SC70-4L
12
3
4
AOVYW
1
2
3
4
5
Top View
SC70-5L
AOVYW
Pin
1
2
345
VOUT
GND
VIN
SOT23-3
GND
VOUT
VIN
SOT23-5
VIN
GND
EN
BYP
VOUT
GND
VIN
VOUT
SOT89-3
VOUT
GND
VIN
SC70-3L
VIN
VOUT
GND
SC70-4L
EN
GND
VOUT
VIN
SC70-5L
VIN
GND
EN
BYP
VOUT
Top View
SOT89-3
12
3
P3112V
XXXYW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com