Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3112 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM3112
Description  300mA CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3112 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM3112 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical Characteristic
T
25°C V
3
AIN
=,
=
,
=
, =
,
V C
1 F C
2.2 F unless otherwise noted.
IN
O
μμ
4
PAM3112
300mA CMOS Linear Regulator
10/2008 Rev 1.3
Note 1: Output current is limited by P ,
Io=400mW/(V (MAX.)-Vo).
DIN
Maximum
,
Power Analog Microelectronics Inc
www.poweranalog.com
Parameter
Symbol Test Conditions
MIN
TYP
MAX
Units
Input Voltage
VIN
2.5
5.5
V
Output Voltage Accuracy
Vo
Io=1mA
-2
2
%
Output Current
IO
300
Note 1
mA
Ground Current
IGND
Io=1mA to 300mA
70
90
μA
Quiescent Current
IQ
Io=0mA
65
90
μA
Line Regulation
LNR
V
IN=2.5V to 5. 0V
Io=10mA
-0.15
0.1
0.15
%/V
Load Regulation
LDR
Io= 1mA to 300mA
30
60
mV
Short Circuit Current
ISC
Vo=0V
130
mA
Temperature Coefficient
Tc
40
ppm/
O
C
Over Temperature Shutdown
OTS
Io=1mA
150
OC
Over Temperature Hysteresis
OTH
Io=1mA
30
OC
f=100Hz
70
Power Supply Ripple Rejection
PSRR
Io=100mA
CBYP=10nF
f=1kHz
65
dB
Output Noise
Vn
f =10Hz to 100kHz,
CBYP=10nF
50
μVrms
EN Input High Threshold
VIH
VIN=2.5V to 5V
1.5
V
EN Input Low Threshold
VIL
VIN=2.5V to 5V
0.3
V
Shutdown Current
ISD
VEN=0V
0.01
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com