Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3112 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM3112
Description  300mA CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3112 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM3112 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Typical Performance Characteristics
T
25°C C
1 F C
2.2 F, V =1.2V, unless otherwise noted.
AIN
O
O
=,
=
, =
μμ
5
PAM3112
300mA CMOS Linear Regulator
1. Output Voltage vs Input Voltage
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
23
456
Input Voltage(V)
IO=1mA
IO=150mA
IO=300mA
2. Output Voltage vs Output Current
1.175
1.18
1.185
1.19
1.195
1.2
1.205
0
50
100
150
200
250
300
Output Current(mA)
VIN=4V
VIN=3V
VIN=5V
3. Output Voltage vs Temperature
1.16
1.165
1.17
1.175
1.18
1.185
1.19
1.195
1.2
050
100
150
Temperature(
℃)
IO=300mA
IO=30mA
4. Quiescent Current vs Input Voltage
0
10
20
30
40
50
60
70
80
23
456
Quiescent Current(uA)
5. Ground Current vs Temperature
68
70
72
74
76
78
80
82
0
306090
120
150
Temperature(
℃)
6. Ground Current vs Input Voltage
0
20
40
60
80
100
120
23
45
6
Input Voltage(V)
IO=300mA
IO=150mA
IO=1mA
10/2008 Rev 1.3
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com