Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3112 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM3112
Description  300mA CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3112 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM3112 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
Applications
General Description
n
n
n
n
n
n
n
n
n
n
n
Accuracy within ±2%
Quiescent Current: 65 A Typ.
Excellent Line/Load Regulation
Fast Response
Current Limiting
Short Circuit Protection
Low Temperature Coefficient
Thermal Shutdown
μ
Guaranteed 300mA Output Current
Space Saving Package: SOT-23, SOT-89
and SC70
Pb-Free Package
Cordless Phone
Cellular Phone
Bluetooth Earphone
Digital Camera
Portable Electronics
WLAN
M 3 Player
The PAM3112 regulator features low quiescent
current (65 A Typ.) and excellent line/load
regulation, making it ideal for battery powered
applications. The output voltage can be 1.2V or
1.3V. Space-saving packages SOT-23, SOT-89
and SC70 are a ttractive for portable and
handheld applications. It has both thermal
shutdown and a current limit features to prevent
device
f ailure
under
extreme
operating
conditions. The device is stable with an output
capacitance of 2.2 F or greater.
n
n
n
n
n
n
n
P
μ
μ
Typical Application
PAM3112
300mA CMOS Linear Regulator
Block Diagram
1
www.poweranalog.com
10/2008 Rev 1.3
VIN
VOUT
VIN
VOUT
GND
PAM3112
C
1F
IN
μ
C
2.2 F
O
μ
OUT
2.2 F
μ
IN
C
O
C
1F
IN
μ
C
10nF
BYP
VIN
VOUT
EN
GND
BYP
PAM3112
,
Power Analog Microelectronics Inc
VIN
VOUT
GND
EN
BYP
Bandgap
OverCurrent
Shutdown
Amp
Thermal
Protection


Similar Part No. - PAM3112

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3110 PAM-PAM3110 Datasheet
575Kb / 13P
1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA120R PAM-PAM3110ABA120R Datasheet
575Kb / 13P
1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA150R PAM-PAM3110ABA150R Datasheet
575Kb / 13P
1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA180R PAM-PAM3110ABA180R Datasheet
575Kb / 13P
1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA250R PAM-PAM3110ABA250R Datasheet
575Kb / 13P
1.5A Low Dropout Voltage CMOS Regulator
More results

Similar Description - PAM3112

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
300mA/150mA Dual CMOS LDO Linear Regulator
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
300mA CMOS Low Drop Out Linear Regulator
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
300mA/150mA Dual CMOS LDO Linear Regulator
3242.2006.04.1.10
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
300mA/150mA Dual CMOS LDO Linear Regulator
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101 Datasheet
493Kb / 24P
300mA High PSRR Low Dropout CMOS Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2131 FOSLINK-FSP2131 Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2133 FOSLINK-FSP2133 Datasheet
427Kb / 8P
300MA ADJUSTABLE HIGH PSRR CMOS LINEAR REGULATOR
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101_13 Datasheet
1Mb / 26P
300mA High PSRR Low Dropout CMOS Linear Regulator
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
300mA CMOS LDO Linear Regulator with Enable
logo
Nuvoton Technology Corp...
NCT3703U NUVOTON-NCT3703U Datasheet
377Kb / 23P
300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com