Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3112 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM3112
Description  300mA CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3112 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM3112 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum
ratings for prolonged time periods may affect device reliability. All voltages are with respect to ground.
Input Voltage
6V
Output Current
Output Pin Voltage
GND-0.3V
Lead Soldering Temperature (5sec)
300
Maximum Junction Temperature..................150
Storage Temperature
65
to 150
ESD Rating
Class B
..................................................
.....................................P /(V -V )
..............
to V +0.3V
.............
....................-
.............................................
DIN
O
IN
°C
°C
°C
°C
Recommended Operating Conditions
Junction Temperature
40
to 125
..................-
......................-
°C
°C
Ambient Temperature
40°C to 85°C
Thermal Information
PAM3112
300mA CMOS Linear Regulator
10/2008 Rev 1.3
,
Power Analog Microelectronics Inc
www.poweranalog.com
Parameter
Symbol
Package
Maximum
Unit
SOT-23
130
SOT-89
45
Thermal Resistance (Junction to Case)
θJC
SC70
TBD
°C/W
SOT-23
250
SOT-89
160
Thermal Resistance (Junction to Ambient)
θJA
SC70
300
°C/W
SOT-23
400
SOT-89
550
Internal Power Dissipation
PD
SC70
300
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com