Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3112 Datasheet(PDF) 12 Page - Power Analog Micoelectronics

Part # PAM3112
Description  300mA CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3112 Datasheet(HTML) 12 Page - Power Analog Micoelectronics

Back Button PAM3112 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 13Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 14Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 15Page - Power Analog Micoelectronics PAM3112 Datasheet HTML 16Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Outline Dimension
12
PAM3112
300mA CMOS Linear Regulator
10/2008 Rev 1.3
,
Power Analog Microelectronics Inc
www.poweranalog.com
D
e1
LREF.
L1 (REF.)
θ
SOT23-5
Millimeter
REF.
Min
Nom
Max
A
1.10MAX
A1
0
0.05
0.10
A2
0.70
1.00
1.295
c
0.12REF.
D
2.70
2.90
3.10
E
2.60
2.80
3.00
E1
1.40
1.60
1.80
L
0.45REF.
L1
0.60REF.
θ
0º
5º
10º
b
0.30
0.40
0.50
e
0.95REF.
e1
1.90REF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com