Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5702 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5702
Description  Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5702 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5702 Datasheet HTML 4Page - Renesas Technology Corp 2SC5702 Datasheet HTML 5Page - Renesas Technology Corp 2SC5702 Datasheet HTML 6Page - Renesas Technology Corp 2SC5702 Datasheet HTML 7Page - Renesas Technology Corp 2SC5702 Datasheet HTML 8Page - Renesas Technology Corp 2SC5702 Datasheet HTML 9Page - Renesas Technology Corp 2SC5702 Datasheet HTML 10Page - Renesas Technology Corp 2SC5702 Datasheet HTML 11Page - Renesas Technology Corp 2SC5702 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
2SC5702
Rev.2.00 Aug 10, 2005 page 8 of 14
Sparameter
(VCE = 1V, IC = 5mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.832
-28.2
14.18
159.9
0.0347
74.2
0.927
-20.7
200
0.723
-55.3
12.19
141.4
0.0624
61.4
0.789
-38.8
300
0.636
-78.0
10.17
127.5
0.0806
52.8
0.644
-52.3
400
0.559
-95.2
8.43
117.9
0.0920
48.9
0.532
-61.8
500
0.513
-110.1
7.15
110.6
0.1001
46.8
0.447
-69.1
600
0.473
-121.4
6.15
105.0
0.1065
45.8
0.378
-75.3
700
0.462
-132.4
5.40
100.2
0.1124
46.0
0.327
-79.8
800
0.443
-139.7
4.84
96.4
0.1182
46.7
0.285
-84.6
900
0.432
-148.1
4.32
92.6
0.1236
47.6
0.250
-89.4
1000
0.435
-153.9
3.94
89.6
0.1294
48.7
0.223
-93.3
1100
0.420
-160.5
3.60
87.2
0.1351
49.5
0.200
-97.4
1200
0.438
-165.4
3.33
84.5
0.1410
50.9
0.181
-102.3
1300
0.428
-168.8
3.11
82.2
0.1471
51.9
0.163
-107.4
1400
0.442
-175.3
2.87
80.0
0.1537
53.2
0.151
-111.4
1500
0.444
-177.1
2.75
78.0
0.1601
54.3
0.138
-117.3
1600
0.448
177.3
2.57
76.1
0.1671
55.2
0.130
-121.8
1700
0.464
176.0
2.44
73.9
0.1739
56.2
0.124
-128.5
1800
0.460
172.7
2.34
72.7
0.1810
56.9
0.119
-135.6
1900
0.474
170.1
2.21
70.7
0.1888
57.8
0.116
-142.0
2000
0.481
168.3
2.13
69.1
0.1952
58.6
0.114
-148.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com