Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5702 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 2SC5702
Description  Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5702 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 2SC5702 Datasheet HTML 5Page - Renesas Technology Corp 2SC5702 Datasheet HTML 6Page - Renesas Technology Corp 2SC5702 Datasheet HTML 7Page - Renesas Technology Corp 2SC5702 Datasheet HTML 8Page - Renesas Technology Corp 2SC5702 Datasheet HTML 9Page - Renesas Technology Corp 2SC5702 Datasheet HTML 10Page - Renesas Technology Corp 2SC5702 Datasheet HTML 11Page - Renesas Technology Corp 2SC5702 Datasheet HTML 12Page - Renesas Technology Corp 2SC5702 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
2SC5702
Rev.2.00 Aug 10, 2005 page 9 of 14
Sparameter
(VCE = 1V, IC = 20mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.534
-68.4
30.97
140.9
0.0258
65.2
0.735
-45.4
200
0.467
-111.9
20.56
119.2
0.0390
57.4
0.489
-73.4
300
0.451
-135.2
14.57
107.9
0.0490
58.2
0.350
-91.3
400
0.434
-149.5
11.16
101.6
0.0581
60.5
0.276
-104.5
500
0.438
-159.1
9.02
97.1
0.0673
63.1
0.231
-115.5
600
0.430
-165.9
7.58
93.7
0.0772
65.0
0.201
-125.9
700
0.441
-172.5
6.52
90.8
0.0872
66.5
0.182
-135.2
800
0.442
-175.8
5.75
88.3
0.0974
67.7
0.170
-144.0
900
0.451
178.4
5.09
86.1
0.1081
68.5
0.164
-152.6
1000
0.456
175.8
4.62
84.0
0.1184
69.5
0.158
-160.2
1100
0.452
171.2
4.22
82.5
0.1291
69.7
0.157
-166.8
1200
0.470
169.0
3.87
80.5
0.1395
70.2
0.158
-173.0
1300
0.462
166.2
3.62
79.0
0.1504
70.2
0.158
-179.2
1400
0.485
162.5
3.34
77.7
0.1608
70.7
0.162
176.1
1500
0.483
162.0
3.16
75.6
0.1719
70.7
0.164
171.1
1600
0.494
158.4
2.98
74.5
0.1826
70.6
0.168
167.2
1700
0.505
157.3
2.81
72.8
0.1935
70.5
0.175
164.0
1800
0.503
155.6
2.69
72.0
0.2040
70.4
0.181
160.4
1900
0.525
152.6
2.54
70.5
0.2148
70.5
0.189
157.1
2000
0.523
152.4
2.45
69.0
0.2247
70.2
0.195
154.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com