Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5702 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 2SC5702
Description  Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5702 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 2SC5702 Datasheet HTML 7Page - Renesas Technology Corp 2SC5702 Datasheet HTML 8Page - Renesas Technology Corp 2SC5702 Datasheet HTML 9Page - Renesas Technology Corp 2SC5702 Datasheet HTML 10Page - Renesas Technology Corp 2SC5702 Datasheet HTML 11Page - Renesas Technology Corp 2SC5702 Datasheet HTML 12Page - Renesas Technology Corp 2SC5702 Datasheet HTML 13Page - Renesas Technology Corp 2SC5702 Datasheet HTML 14Page - Renesas Technology Corp 2SC5702 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
2SC5702
Rev.2.00 Aug 10, 2005 page 12 of 14
Sparameter
(VCE = 3V, IC = 5mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.846
-24.1
14.25
161.9
0.0287
75.9
0.9420
-17.0
200
0.748
-48.1
12.56
144.7
0.0534
64.3
0.8245
-32.2
300
0.656
-69.0
10.71
131.2
0.0705
56.4
0.6904
-43.6
400
0.573
-84.9
9.03
121.3
0.0817
52.0
0.5802
-51.5
500
0.516
-99.3
7.75
113.8
0.0895
49.6
0.4932
-57.4
600
0.469
-110.6
6.72
108.0
0.0961
48.6
0.4224
-61.6
700
0.442
-121.8
5.92
102.9
0.1015
48.5
0.3680
-64.4
800
0.423
-130.4
5.31
99.0
0.1071
49.0
0.3229
-67.1
900
0.404
-139.8
4.75
95.2
0.1128
49.9
0.2856
-69.5
1000
0.399
-146.0
4.34
92.0
0.1177
50.7
0.2535
-71.2
1100
0.382
-153.0
3.97
89.3
0.1230
51.7
0.2285
-72.9
1200
0.397
-159.3
3.69
86.5
0.1289
53.2
0.2052
-74.8
1300
0.385
-163.3
3.44
84.5
0.1344
54.2
0.1839
-76.6
1400
0.400
-169.7
3.18
81.8
0.1400
55.1
0.1680
-78.0
1500
0.401
-171.9
3.03
79.7
0.1462
56.2
0.1496
-80.5
1600
0.399
-177.2
2.84
77.8
0.1528
57.4
0.1381
-82.1
1700
0.415
179.5
2.70
75.7
0.1590
58.2
0.1251
-85.4
1800
0.411
176.8
2.57
74.4
0.1658
59.0
0.1122
-89.0
1900
0.430
173.0
2.44
72.3
0.1727
60.1
0.1018
-93.2
2000
0.433
171.4
2.35
70.7
0.1793
61.0
0.0914
-97.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com