Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5702 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 2SC5702
Description  Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5702 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 2SC5702 Datasheet HTML 7Page - Renesas Technology Corp 2SC5702 Datasheet HTML 8Page - Renesas Technology Corp 2SC5702 Datasheet HTML 9Page - Renesas Technology Corp 2SC5702 Datasheet HTML 10Page - Renesas Technology Corp 2SC5702 Datasheet HTML 11Page - Renesas Technology Corp 2SC5702 Datasheet HTML 12Page - Renesas Technology Corp 2SC5702 Datasheet HTML 13Page - Renesas Technology Corp 2SC5702 Datasheet HTML 14Page - Renesas Technology Corp 2SC5702 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
2SC5702
Rev.2.00 Aug 10, 2005 page 11 of 14
Sparameter
(VCE = 2V, IC = 20mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.548
-58.6
32.28
143.9
0.0231
67.8
0.777
-38.8
200
0.451
-99.9
22.20
121.9
0.0363
59.6
0.527
-62.6
300
0.415
-125.6
15.97
110.2
0.0464
60.1
0.373
-76.9
400
0.390
-141.4
12.32
103.5
0.0545
61.7
0.283
-86.7
500
0.392
-152.5
9.97
98.7
0.0632
63.8
0.226
-95.1
600
0.382
-160.9
8.41
95.2
0.0726
65.6
0.184
-102.9
700
0.387
-168.1
7.23
92.0
0.0823
67.1
0.155
-110.3
800
0.387
-172.8
6.39
89.5
0.0914
68.5
0.133
-118.3
900
0.390
-178.6
5.66
87.1
0.1019
69.2
0.117
-127.6
1000
0.399
178.2
5.13
85.0
0.1114
70.2
0.104
-136.9
1100
0.400
172.6
4.69
83.4
0.1213
70.6
0.097
-146.4
1200
0.412
170.4
4.29
81.5
0.1309
71.1
0.092
-156.2
1300
0.409
167.8
4.01
79.9
0.1411
71.1
0.091
-166.0
1400
0.433
163.6
3.70
78.6
0.1518
71.6
0.092
-174.7
1500
0.426
162.4
3.50
76.8
0.1615
71.4
0.093
176.8
1600
0.435
158.8
3.30
75.4
0.1714
71.5
0.097
170.5
1700
0.454
157.9
3.10
73.6
0.1817
71.8
0.103
165.0
1800
0.446
155.5
2.97
72.7
0.1918
71.2
0.109
159.1
1900
0.475
153.5
2.81
71.1
0.2021
71.3
0.117
155.2
2000
0.473
152.7
2.71
69.9
0.2113
71.1
0.125
150.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com