Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5702 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 2SC5702
Description  Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5702 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 2SC5702 Datasheet HTML 7Page - Renesas Technology Corp 2SC5702 Datasheet HTML 8Page - Renesas Technology Corp 2SC5702 Datasheet HTML 9Page - Renesas Technology Corp 2SC5702 Datasheet HTML 10Page - Renesas Technology Corp 2SC5702 Datasheet HTML 11Page - Renesas Technology Corp 2SC5702 Datasheet HTML 12Page - Renesas Technology Corp 2SC5702 Datasheet HTML 13Page - Renesas Technology Corp 2SC5702 Datasheet HTML 14Page - Renesas Technology Corp 2SC5702 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
2SC5702
Rev.2.00 Aug 10, 2005 page 13 of 14
Sparameter
(VCE = 3V, IC = 20mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.564
-54.4
32.56
145.1
0.0221
69.2
0.7913
-35.9
200
0.449
-94.6
22.76
123.2
0.0353
60.3
0.5457
-58.3
300
0.408
-119.2
16.50
111.2
0.0448
60.4
0.3871
-71.0
400
0.377
-136.7
12.76
104.4
0.0529
62.0
0.2929
-78.9
500
0.370
-148.4
10.36
99.6
0.0618
64.1
0.2311
-85.4
600
0.360
-157.6
8.71
95.8
0.0707
65.9
0.1861
-91.3
700
0.365
-165.0
7.52
92.7
0.0801
67.5
0.1524
-96.6
800
0.364
-170.4
6.64
90.0
0.0890
68.4
0.1274
-102.7
900
0.366
-176.1
5.87
87.7
0.0991
69.6
0.1061
-110.4
1000
0.370
-179.9
5.33
85.4
0.1081
70.1
0.0893
-117.9
1100
0.373
174.6
4.87
83.7
0.1178
70.6
0.0768
-126.7
1200
0.387
172.5
4.47
81.8
0.1274
71.1
0.0685
-138.6
1300
0.379
168.0
4.16
80.4
0.1375
71.4
0.0630
-150.7
1400
0.409
164.7
3.85
78.9
0.1473
71.7
0.0603
-162.8
1500
0.399
163.4
3.64
77.1
0.1568
71.6
0.0596
-175.0
1600
0.419
159.1
3.43
75.7
0.1667
71.8
0.0631
174.3
1700
0.427
159.5
3.24
73.9
0.1765
71.8
0.0681
166.3
1800
0.427
156.2
3.09
73.2
0.1862
71.3
0.0757
157.4
1900
0.446
154.6
2.93
71.8
0.1963
71.7
0.0829
152.5
2000
0.444
153.5
2.80
70.2
0.2057
71.4
0.0914
146.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com