Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5702 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5702
Description  Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5702 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5702 Datasheet HTML 1Page - Renesas Technology Corp 2SC5702 Datasheet HTML 2Page - Renesas Technology Corp 2SC5702 Datasheet HTML 3Page - Renesas Technology Corp 2SC5702 Datasheet HTML 4Page - Renesas Technology Corp 2SC5702 Datasheet HTML 5Page - Renesas Technology Corp 2SC5702 Datasheet HTML 6Page - Renesas Technology Corp 2SC5702 Datasheet HTML 7Page - Renesas Technology Corp 2SC5702 Datasheet HTML 8Page - Renesas Technology Corp 2SC5702 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2SC5702
Rev.2.00 Aug 10, 2005 page 3 of 14
Main Characteristics
160
120
80
40
0
50
100
150
200
Maximum Collector Dissipation Curve
Ambient Temperature
Ta (°C)
12
5
10
20
50
100
0
40
80
120
160
200
DC Current Transfet Ratio vs.
Collector Current
Collector Current
IC (mA)
Collecter to Emitter Voltege VCE (V)
Collecter Voltage vs.
Collecter to Emitter Voltege
Base to Emitter Voltage VBE
(V)
Collecter Voltage vs.
Base to Emitter Voltege
50
40
30
20
10
0
0
0.4
0.8
1.2
0.2
0.6
1.0
2
5
0
20
30
40
50
10
1
3
4
IB =10 µA
60
µA
110
µA
160
µA
210
µA
260
µA
310
µA
360
µA
410
µA
460
µA
VCE = 1 V
01
10
0.6
0.8
1.0
1.2
1.4
0.4
IE = 0
f = 1 MHz
Collector Output Capacitance vs.
Collector to Base Voltage
Collector to Base Voltage
VCB (V)
Reverse Transfer capacitance vs.
Collector To Base Voltage
Collector to Base Voltage
VCB (V)
01
10
0.2
0.4
0.6
0.8
1.0
0
E: Guard pin
f = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com