Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235G2-12UI Datasheet(PDF) 13 Page - STMicroelectronics

Part # PSD4235G2-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UI Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PSD4235G2-12UI Datasheet HTML 9Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 10Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 11Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 12Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 13Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 14Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 15Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 16Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 89 page
background image
13/89
PSD4235G2
PE3
74
I/O
CMOS
or
Open
Drain
PE3 pin of Port E. This port pin can be configured to have the following functions:
1. MCU I/O – standard output or input port.
2. Latched address output.
3. TDO output for the JTAG Serial Interface.
PE4
75
I/O
CMOS
or
Open
Drain
PE4 pin of Port E. This port pin can be configured to have the following functions:
1. MCU I/O – standard output or input port.
2. Latched address output.
3. TSTAT output for the JTAG Serial Interface.
4. Ready/Busy output for parallel In-System Programming (ISP).
PE5
76
I/O
CMOS
or
Open
Drain
PE5 pin of Port E. This port pin can be configured to have the following functions:
1. MCU I/O – standard output or input port.
2. Latched address output.
3. TERR active Low output for the JTAG Serial Interface.
PE6
77
I/O
CMOS
or
Open
Drain
PE6 pin of Port E. This port pin can be configured to have the following functions:
1. MCU I/O – standard output or input port.
2. Latched address output.
3. VSTBY – SRAM stand-by voltage input for SRAM battery backup.
PE7
78
I/O
CMOS
or
Open
Drain
PE7 pin of Port E. This port pin can be configured to have the following functions:
1. MCU I/O – standard output or input port.
2. Latched address output.
3. Battery-on Indicator (VBATON). Goes High when power is being drawn from the
external battery.
PF0-PF7
31-38
I/O
CMOS
or
Open
Drain
These pins make up Port F. These port pins are configurable and can have the following
functions:
1. MCU I/O – standard output or input port.
2. External Chip Select (ECS0-ECS7) outputs, or inputs to CPLD.
3. Latched address outputs.
4. Address A1-A3 inputs in 80C51XA mode (PF0 is grounded)
5. Data bus port (D0-D7) in a non-multiplexed bus configuration.
6. Peripheral I/O mode.
7. MCU reset mode.
PG0-PG7
21-28
I/O
CMOS
or
Open
Drain
These pins make up Port G. These port pins are configurable and can have the
following functions:
1. MCU I/O – standard output or input port.
2. Latched address outputs.
3. Data bus port (D8-D15) in a non-multiplexed bus configuration.
4. MCU reset mode.
VCC
9, 29,
69
Supply Voltage
GND
8, 30,
49,
50, 70
Ground pins
Pin Name
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com