Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235G2-12UI Datasheet(PDF) 55 Page - STMicroelectronics

Part # PSD4235G2-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UI Datasheet(HTML) 55 Page - STMicroelectronics

Back Button PSD4235G2-12UI Datasheet HTML 51Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 52Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 53Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 54Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 55Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 56Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 57Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 58Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 89 page
background image
55/89
PSD4235G2
Table 46. Drive Register Pin Assignment
Note: 1. NA = Not Applicable.
Table 47. Port Data Registers
Port Data Registers. The Port Data Registers,
shown in Table 47, are used by the MCU to write
data to or read data from the ports. Table 47
shows the register name, the ports having each
register type, and MCU access for each register
type. The registers are described next.
Data In. Port pins are connected directly to the
Data In buffer. In MCU I/O Input mode, the pin in-
put is read through the Data In buffer.
Data Out Register. Stores output data written by
the MCU in the MCU I/O Output mode. The con-
tents of the Register are driven out to the pins if the
Direction Register or the output enable product
term is set to 1. The contents of the register can
also be read back by the MCU.
Output Macrocells (OMC). The
CPLD
Output
Macrocells (OMC) occupy a location in the MCU’s
address space. The MCU can read the output of
the Output Macrocells (OMC). If the Mask Macro-
cell Register bits are not set, writing to the Macro-
cell loads data to the Macrocell flip-flops. See the
section entitled “Macrocell and I/O Port”, on page
34.
Mask Macrocell Register. Each Mask Macrocell
Register bit corresponds to an Output Macrocell
(OMC) flip-flop. When the Mask Macrocell Regis-
ter bit is set to a 1, loading data into the Output
Macrocell (OMC) flip-flop is blocked. The default
value is 0, or unblocked.
Input Macrocells (IMC). The
Input Macrocells
(IMC) can be used to latch or store external inputs.
The outputs of the Input Macrocells (IMC) are rout-
ed to the PLD input bus, and can be read by the
MCU. See the section entitled “Input Macrocells
(IMC)”, on page 37.
Drive
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Port A
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Port B
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Port C
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Port D
NA1
NA1
NA1
NA1
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Port E
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Port F
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Slew
Rate
Port G
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Open
Drain
Register Name
Port
MCU Access
Data In
A, B, C, D, E, F, G Read – input on pin
Data Out
A, B, C, D, E, F, G Write/Read
Output Macrocell
A, B
Read – outputs of Macrocells
Write – loading Macrocells Flip-flop
Mask Macrocell
A, B
Write/Read – prevents loading into a given
Macrocell
Input Macrocell
A, B, C
Read – outputs of the Input Macrocells
Enable Out
A, B, C, F
Read – the output enable control of the port driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com