Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235G2-12UI Datasheet(PDF) 15 Page - STMicroelectronics

Part # PSD4235G2-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UI Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PSD4235G2-12UI Datasheet HTML 11Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 12Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 13Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 14Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 15Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 16Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 17Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 18Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 89 page
background image
15/89
PSD4235G2
REGISTER BIT DEFINITION
All the registers of the PSD are included here, for
reference. Detailed descriptions of these registers
can be found in the following sections.
Table 7. Data-In Registers – Ports A, B, C, D, E, F, G
Note: Bit Definitions (Read-only registers):
Read Port pin status when Port is in MCU I/O input mode.
Table 8. Data-Out Registers – Ports A, B, C, D, E, F, G
Note: Bit Definitions:
Latched data for output to Port pin when pin is configured in MCU I/O output mode.
Table 9. Direction Registers – Ports A, B, C, D, E, F, G
Note: Bit Definitions:
Port pin <i> 0 = Port pin <i> is configured in Input mode (default).
Port pin <i> 1 = Port pin <i> is configured in Output mode.
Table 10. Control Registers – Ports E, F, G
Note: Bit Definitions:
Port pin <i> 0 = Port pin <i> is configured in MCU I/O mode (default).
Port pin <i> 1 = Port pin <i> is configured in Latched Address Out mode.
Table 11. Drive Registers – Ports A, B, D, E, G
Note: Bit Definitions:
Port pin <i> 0 = Port pin <i> is configured for CMOS Output driver (default).
Port pin <i> 1 = Port pin <i> is configured for Open Drain output driver.
Table 12. Drive Registers – Ports C, F
Note: Bit Definitions:
Port pin <i> 0 = Port pin <i> is configured for CMOS Output driver (default).
Port pin <i> 1 = Port pin <i> is configured in Slew Rate mode.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Port pin 7
Port pin 6
Port pin 5
Port pin 4
Port pin 3
Port pin 2
Port pin 1
Port pin 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Port pin 7
Port pin 6
Port pin 5
Port pin 4
Port pin 3
Port pin 2
Port pin 1
Port pin 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Port pin 7
Port pin 6
Port pin 5
Port pin 4
Port pin 3
Port pin 2
Port pin 1
Port pin 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Port pin 7
Port pin 6
Port pin 5
Port pin 4
Port pin 3
Port pin 2
Port pin 1
Port pin 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Port pin 7
Port pin 6
Port pin 5
Port pin 4
Port pin 3
Port pin 2
Port pin 1
Port pin 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Port pin 7
Port pin 6
Port pin 5
Port pin 4
Port pin 3
Port pin 2
Port pin 1
Port pin 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com