Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235G2-12UI Datasheet(PDF) 61 Page - STMicroelectronics

Part # PSD4235G2-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UI Datasheet(HTML) 61 Page - STMicroelectronics

Back Button PSD4235G2-12UI Datasheet HTML 57Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 58Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 59Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 60Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 61Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 62Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 63Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 64Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 89 page
background image
61/89
PSD4235G2
Figure 33. Enable Power-down Flow Chart
Other Power Saving Options. The PSD offers
other reduced power saving options that are inde-
pendent of the Power-down mode. Except for the
SRAM Stand-by and PSD Chip Select Input (CSI,
PD2) features, they are enabled by setting bits in
PMMR0 and PMMR2 (as summarised in Table 23
and Table 24).
PLD Power Management
The power and speed of the PLDs are controlled
by the Turbo bit (bit 3) in PMMR0. By setting the
bit to 1, the Turbo mode is off and the PLDs con-
sume the specified Stand-by current when the in-
puts are not switching for an extended time of
70 ns. The propagation delay time is increased af-
ter the Turbo bit is set to 1 (turned off) when the in-
puts change at a composite frequency of less than
15 MHz. When the Turbo bit is reset to 0 (turned
on), the PLDs run at full power and speed. The
Turbo bit affects the PLD’s DC power, AC power,
and propagation delay. See the AC and DC char-
acteristics tables for PLD timing values (Table 67).
Blocking MCU control signals with the PMMR2 bits
can further reduce PLD AC power consumption.
SRAM Stand-by Mode (Battery Backup). The
PSD supports a battery backup mode in which the
contents of the SRAM are retained in the event of
a power loss. The SRAM has Voltage Stand-by
(VSTBY, PE6) that can be connected to an exter-
nal battery. When VCC becomes lower than VSTBY
then the PSD automatically connects to Voltage
Stand-by (VSTBY, PE6) as a power source to the
SRAM. The SRAM Stand-by current (ISTBY) is typ-
ically 0.5 µA. The SRAM data retention voltage is
2 V minimum. The Battery-on Indicator (VBATON)
can be routed to PE7. This signal indicates when
the VCC has dropped below VSTBY, and that the
SRAM is running on battery power.
PSD Chip Select Input (CSI, PD2)
PD2 of Port D can be configured in PSDsoft Ex-
press as PSD Chip Select Input (CSI). When Low,
the signal selects and enables the internal primary
Flash memory, secondary Flash memory, SRAM,
and I/O blocks for Read or Write operations involv-
ing the PSD. A High on PSD Chip Select Input
(CSI, PD2) disables the primary Flash memory,
secondary Flash memory, and SRAM, and reduc-
es the PSD power consumption. However, the
PLD and I/O signals remain operational when PSD
Chip Select Input (CSI, PD2) is High.
There may be a timing penalty when using PSD
Chip Select Input (CSI, PD2) depending on the
speed grade of the PSD that you are using. See
the timing parameter tSLQV in Table 67.
Input Clock. The PSD provides the option to turn
off CLKIN (PD1) to the PLD to save AC power con-
sumption. CLKIN (PD1) is an input to the PLD
AND Array and the Output Macrocells (OMC).
During Power-down mode, or, if CLKIN (PD1) is
not being used as part of the PLD logic equation,
the clock should be disabled to save AC power.
CLKIN (PD1) is disconnected from the PLD AND
Array or the Macrocells block by setting bits 4 or 5
to a 1 in PMMR0.
Table 50. APD Counter Operation
Enable APD
Set PMMR0 Bit 1 = 1
PSD in Power
Down Mode
ALE/AS idle
for 15 CLKIN
clocks?
RESET
Yes
No
OPTIONAL
Disable desired inputs to PLD
by setting PMMR0 bits 4 and 5
and PMMR2 bits 0 to 6.
AI04940
APD Enable Bit
ALE PD Polarity
ALE Level
APD Counter
0
X
X
Not Counting
1
X
Pulsing
Not Counting
1
1
1
Counting (Generates PDN after 15 Clocks)
1
0
0
Counting (Generates PDN after 15 Clocks)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com