Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235G2-12UI Datasheet(PDF) 42 Page - STMicroelectronics

Part # PSD4235G2-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UI Datasheet(HTML) 42 Page - STMicroelectronics

Back Button PSD4235G2-12UI Datasheet HTML 38Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 39Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 40Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 41Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 42Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 43Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 44Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 45Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 89 page
background image
PSD4235G2
42/89
Data Byte Enable Reference. MCUs have differ-
ent data byte orientations. Table 35 to Table 38
show how the PSD4235G2 interprets byte/word
operations in different bus write configurations.
Even-byte refers to locations with address A0
equal to 0, and odd byte as locations with A0 equal
to 1.
Table 35. 16-Bit Data Bus with BHE
MCU Bus Interface Examples. Figure 21 to Fig-
ure 26 show examples of the basic connections
between the PSD4235G2 and some popular
MCUs. The PSD4235G2 Control input pins are la-
beled as to the MCU function for which they are
configured. The MCU bus interface is specified us-
ing PSDsoft Express. The Voltage Stand-by (VST-
BY, PE6) line should be held at Ground if not in
use.
Table 36. 16-Bit Data Bus with WRH and WRL
Table 37. 16-Bit Data Bus with SIZ0, A0
(Motorola MCU)
Table 38. 16-Bit Data Bus with LDS, UDS
(Motorola MCU)
BHE
A0
D15-D8
D7-D0
0
0
Odd Byte
Even Byte
0
1
Odd Byte
—
1
0
—
Even Byte
WRH
WRL
D15-D8
D7-D0
0
0
Odd Byte
Even Byte
0
1
Odd Byte
—
1
0
—
Even Byte
SIZ0
A0
D15-D8
D7-D0
0
0
Even Byte
Odd Byte
1
0
Even Byte
—
1
1
—
Odd Byte
WRH
WRL
D15-D8
D7-D0
0
0
Even Byte
Odd Byte
1
0
Even Byte
—
0
1
—
Odd Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com