Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235G2-12UI Datasheet(PDF) 47 Page - STMicroelectronics

Part # PSD4235G2-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UI Datasheet(HTML) 47 Page - STMicroelectronics

Back Button PSD4235G2-12UI Datasheet HTML 43Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 44Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 45Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 46Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 47Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 48Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 49Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 50Page - STMicroelectronics PSD4235G2-12UI Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 89 page
background image
47/89
PSD4235G2
Figure 25. Interfacing the PSD with an MMC2001
MMC2001. The Motorola MCORE MMC2001
MCU has a MOD input pin that selects interal or
external boot ROM. The PSD can be configured
as the external flash boot ROM or as extension to
the internal ROM.
The MMC2001 has a 16-bit external data bus and
20 address lines with external chip select signals.
The Chip Select Control Registers allow the user
to customize the bus interface and timing to fit the
individual system requirement. A typical interface
configuaration to the PSD is shown in Figure 25.
The MMC2001’s R/W signal is conneced to the
CNTL0 pin, while EB0 and EB1 (enable byte-0 and
enable byte-1) are connected to the CNTL1 (UDS)
and CNTL2 (LDS) pins. The WEN bit in the Chip
Select Control Register should be set to 1 to termi-
nate the EB0-EB1 earlier to provide the wrtie data
hold time for the PSD. The WSC and WWS bits in
the Control Register are set to wait states that
meet the PSD access time requirement.
VCC_BAR
VCC_BAR
A16
ALE
AD14
AD10
AD6
A17
A19
RD\
AD13
AD9
AD5
AD1
RESET\
A19
BHE\
AD7
A[19:16]
A17
AD[15:0]
AD12
AD4
AD2
A18
WR\
AD15
AD8
A18
AD11
A16
RESET\
AD3
AD0
U3
CRYSTAL
PSD
ADIO0
3
ADIO1
4
ADIO2
5
ADIO3
6
ADIO4
7
ADIO5
10
ADIO6
11
ADIO7
12
ADIO9
14
ADIO10
15
ADIO11
16
ADIO12
17
ADIO13
18
ADIO14
19
ADIO15
20
PF0
31
PF1
32
PF2
33
PF3
34
PF4
35
PF5
36
PF6
37
PF7
38
PG1
22
PG2
23
PG3
24
PG4
25
PG5
26
PG6
27
PG7
28
PA5
56
PA6
57
PA7
58
CNTL0(WR)
59
CNTL1(RD)
60
CNTL2(BHE)
40
PD0 (ALE)
79
RESET
39
ADIO8
13
PG0
21
PA3
54
PA4
55
PA2
53
PA0
51
PA1
52
PB0
61
PB1
62
PB2
63
PB3
64
PB4
65
PB5
66
PB6
67
PB7
68
PC0
41
PC1
42
PC2
43
PC3
44
PC4
45
PC5
46
PC6
47
PC7
48
PE0 (TMS)
71
PE1 (TCK/ST)
72
PE2 (TDI)
73
PE3 (TDO)
74
PE4 (TSTAT/RDY)
75
PE5 (TERR)
76
PE7 (VBATON)
78
PD2 (CSI)
1
PD1 (CLKIN)
80
PD3 (WRH)
2
PE6 (VSTBY)
77
Infineon C167CR
AD0
100
AD1
101
AD2
102
AD3
103
AD4
104
AD5
105
AD6
106
AD7
107
AD8
108
AD9
111
AD10
112
AD11
113
AD12
114
AD13
115
AD14
116
AD15
117
EA
99
ALE
98
READY
97
WR/WRL
96
RD
95
XTAL1
138
XTAL2
137
RSTIN
140
RSTOUT
141
NMI
142
P4.0/A16
85
A17
86
A18
87
A19
88
A20
89
A21
90
A22
91
P4.7/A23
92
P3.0/T0IN
65
P3.1/T6OUT
66
P3.2/CAPIN
67
P3.3/T3OUT
68
P3.4/T3EUD
69
P3.5/T4IN
70
P3.6/T3IN
73
P3.7/T2IN
74
P3.8/MRST
75
P3.9/MTSR
76
P3.10/TXD0
77
P3.11/RXD0
78
P3.12/BHE/WRH
79
P3.13/SCLK
80
P3.15/CLKOUT
81
P1L0
118
P1L1
119
P1L2
120
P1L3
121
P1L4
122
P1L5
123
P1L6
124
P1L7
125
P1H0
128
P1H1
129
P1H2
130
P1H3
131
P1H4
132
P1H5
133
P1H6
134
P1H7
135
P2.0/CC0IO
47
P2.1/CC1IO
48
P2.2/CC2IO
49
P2.3/CC3IO
50
P2.4/CC4IO
51
P2.5/CC5IO
52
P2.6/CC6IO
53
P2.7/CC7IO
54
P2.8/CC8IO/EX0IN
57
P2.9/CC9IO/EX1IN
58
P2.10/CC10IO/EX2IN
59
P2.11/CC11IO/EX3IN
60
P2.12/CC12IO/EX4IN
61
P2.13/CC13IO/EX5IN
62
P2.14/CC14IO/EX6IN
63
P2.15/CC15IO/EX7IN
64
P5.0/AN0
27
P5.1/AN1
28
P5.2/AN2
29
P5.3/AN3
30
P5.4/AN4
31
P5.5/AN5
32
P5.6/AN6
33
P5.7/AN7
34
P5.8/AN8
35
P5.9/AN9
36
P5.10/AN10/T6UED
39
P5.11/AN11/T5UED
40
P5.12/AN12/T6IN
41
P5.13/AN13/T5IN
42
P5.14/AN14/T4UED
43
P5.15/AN15/T2UED
44
P6.0/!CS0
1
P6.1/!CS1
2
P6.2/!CS2
3
P6.3/!CS3
4
P6.4/!CS4
5
P6.5/!HOLD
6
P6.6/!HLDA
7
P6.7/!BREQ
8
P7.0/POUT0
19
P7.1/POUT1
20
P7.2/POUT2
21
P7.3/POUT3
22
P7.4/CC28IO
23
P7.5/CC29IO
24
P7.6/CC30IO
25
P7.7/CC31IO
26
P8.0/CC16IO
9
P8.1/CC17IO
10
P8.2/CC18IO
11
P8.3/CC19IO
12
P8.4/CC20IO
13
P8.5/CC21IO
14
P8.6/CC22IO
15
P8.7/CC23IO
16
Vref
37
ADIO[15:0]
A[19:16]
AI04954b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com