Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65845AFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M65845AFP
Description  Digital Echo with Microphone Mixing Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65845AFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M65845AFP Datasheet HTML 2Page - Renesas Technology Corp M65845AFP Datasheet HTML 3Page - Renesas Technology Corp M65845AFP Datasheet HTML 4Page - Renesas Technology Corp M65845AFP Datasheet HTML 5Page - Renesas Technology Corp M65845AFP Datasheet HTML 6Page - Renesas Technology Corp M65845AFP Datasheet HTML 7Page - Renesas Technology Corp M65845AFP Datasheet HTML 8Page - Renesas Technology Corp M65845AFP Datasheet HTML 9Page - Renesas Technology Corp M65845AFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
M65845AFP
REJ03F0170-0201 Rev.2.01 Jan 25, 2008
Page 6 of 13
Function Description
Microphone Amplifier
The gain (GV) and low cut-off frequency (fcl) of microphone amplifier are expressed as follows.
GV = 20log •
R1 + 1.5 k + 334 k
R1 + 1.5 k
1
2
π • (R1 + 1.5 k) • C1
fcl =
GV (max) = 47 dB, fcl = 50 Hz
R1 = 0
Ω, C1 = 2.2 μF
Assuming GV = 37 dB, fcl = 15 Hz, for instance, the constants take the following values.
R1 = 3.3 k
Ω, C1 = 2.2 μF
MIC
+
–
5 k
Ω
10 k
Ω (Typ)
R1
C1
1.5 k
Ω
334 k
Ω
1
μF
2
3
4
REF
+
<Attention point when M65845FP is replaced with M65845AFP>
R3 and C4 are required for the M65845FP, not for the M65845AFP. As mentioned above, the gain of microphone
amplifier can set it up with R1.
Recommended circuit in use M65845FP
R3 and C4 are not required for
the M65845AFP.
R1 for the gain of microphone
amplifier setting in use M65845AFP.
MIC
+
–
R2
10 k
Ω (Typ)
R1
C1
R3
1
μF
C4
2
3
4
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com