Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65845AFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M65845AFP
Description  Digital Echo with Microphone Mixing Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65845AFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M65845AFP Datasheet HTML 3Page - Renesas Technology Corp M65845AFP Datasheet HTML 4Page - Renesas Technology Corp M65845AFP Datasheet HTML 5Page - Renesas Technology Corp M65845AFP Datasheet HTML 6Page - Renesas Technology Corp M65845AFP Datasheet HTML 7Page - Renesas Technology Corp M65845AFP Datasheet HTML 8Page - Renesas Technology Corp M65845AFP Datasheet HTML 9Page - Renesas Technology Corp M65845AFP Datasheet HTML 10Page - Renesas Technology Corp M65845AFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
M65845AFP
REJ03F0170-0201 Rev.2.01 Jan 25, 2008
Page 7 of 13
ALC Level Block Diagram
–60
–50
–40
–30
–20
–10
–30
–20
–10
0
10
ALC supply voltage control limits
It is set 47 dB for microphone amplifier gain.
Vo (dBV)
Vi (dBV)
+3
ALC Operation Voltage Control
ALC operation voltage can be formed within the limits of –10 to +3 dBV controlled by DC control voltage which
connect pin 35.
(Setting up forms)
35 pin control voltage VALC
0 V
2.5 V (
VCC)
1
2
1
2
VALC =
VCC – Vpo
internal direct bias
half peak
voltage Vpo
When ALC operation voltage is –5 dBV (at VCC = 5 V)
–5 dBV = 0.56 Vrms = 1.59 Vp-p = 0.80 Vp-o
VALC = 2.5 – 0.8 = 1.7 V
are concerned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com